Electronic Components Datasheet Search
  English  ▼

X  

DCDW10 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCDW10
Description  DCHAA12D12-6H Medical Through Hole DC/DC Converter Single and Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCDW10 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCDW10 Datasheet HTML 1Page - Wall Industries,Inc. DCDW10 Datasheet HTML 2Page - Wall Industries,Inc. DCDW10 Datasheet HTML 3Page - Wall Industries,Inc. DCDW10 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev A
DCDW10 SERIES
10 Watts
Medical Through Hole DC/DC Converter
Single and Dual Output
7/25/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24V Nominal
9
24
36
VDC
48V Nominal
18
48
75
Input Current
See Table
Input Filter
Pi Network
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
Full Load @Vin. (Nom)
±2
%
Line Regulation
±0.5
%
Load Regulation
Single
±0.5
%
Dual (Balanced Load)
±0.5
Output Power
See Table
Output Current
See Table
Ripple & Noise (20MHz bandwidth)
3-15V Models, BW=DC to 20MHz
100
mVp-p
>15V Models, BW=DC to 20MHz
1% Vout
Transient Response Setting Time
25% Load Step Change
350
us
Cross Regulation
Dual (25% to 100% Load)
±5
%
PROTECTION
Short Circuit Protection
Hiccup
Automatic Recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With Derating
-40
100
ºC
Storage Temperature
-55
125
ºC
Humidity
Non-Condensing
95
%
Cooling
Free Air Convection
MTBF
MIL-HDBK-217F @25ºC
900,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
400
KHz
Isolation Voltage
3000
VAC
Isolation Resistance
500VDC
1000
M
Ω
PHYSICAL SPECIFICATIONS
Weight
0.55oz (15.5g)
Dimensions (L x W x H)
1.24in x 0.79in x 0.40in
(31.6mm x 20.1mm x 10.2mm)
Case Material
Plastic
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com