Electronic Components Datasheet Search
  English  ▼

X  

DCIDW08 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCIDW08
Description  8 Watts DC/DC Converter Single and Dual Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCIDW08 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCIDW08 Datasheet HTML 1Page - Wall Industries,Inc. DCIDW08 Datasheet HTML 2Page - Wall Industries,Inc. DCIDW08 Datasheet HTML 3Page - Wall Industries,Inc. DCIDW08 Datasheet HTML 4Page - Wall Industries,Inc. DCIDW08 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev A
DCIDW08 SERIES
8 Watts
DC/DC Converter
Single and Dual Outputs
3/3/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Resistive Load, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24V Input Models
9
24
36
VDC
48V Input Models
18
48
75
Start-Up Threshold Voltage
24V Input Models
9
VDC
48V Input Models
18
Under Voltage Shutdown
24V Input Models
8
VDC
48V Input Models
16
Input Surge Voltage (1 sec. max)
24V Input Models
-0.7
50
VDC
48V Input Models
-0.7
100
Input Filter
All Models
Internal Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±2.0
%Vnom.
Line Regulation
Vin=Min. to Max. @Full Load
±0.2
±0.8
%
Load Regulation
Io=0% to 100%
±0.5
±1.0
%
Voltage Balance
Dual Output, Balanced Loads
±1.0
±2.0
%
Output Power
See Table
Output Current
See Table
Minimum Load
No Minimum Load Requirement
Maximum Capacitive Load
See Table
Ripple & Noise
0-20Mhz Bandwidth
55
mVp-p
Transient Response Recovery Time(2) 25% Load Step Change
500
µsec
Transient Response Deviation
25% Load Step Change
±3
±5
%
Temperature Coefficient
±0.01
±0.02
%/ºC
PROTECTION
Short Circuit Protection
Automatic Recovery
Hiccup Mode, 0.3Hz Typ.
Over Load Protection
Hiccup
150
%
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Natural Convection
-40
+80
ºC
Storage Temperature
-50
+125
ºC
Case Temperature
+105
ºC
Humidity
Non-Condensing
95
%RH
Lead Temperature
1.5mm from case for 10sec.
260
ºC
Cooling(3)
Natural Convection
MTBF (calculated)
MIL-HDBK-217F @25ºC, Ground Benign
2,358,263
Hours
GENERAL SPECIFICATIONS
Typical Efficiency
@Max. Load
See Table
Switching Frequency
370
kHz
Isolation Voltage
60 Seconds
1500
VDC
1 Second
1800
Isolation Resistance
500VDC
1000
M
Ω
Isolation Capacitance
100KHz, 1V
500
pF
PHYSICAL SPECIFICATIONS
Weight
0.035oz (6.1g)
Dimensions (L x W x H)
0.94in x 0.54in x 0.31in
(23.8mm x 13.7mm x 8mm)
Case Material
Aluminum Alloy, Black Anodized Coating
Pin Material
Tinned Copper
Shielding
Shielded Metal Case with Insulated Baseplate
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL 60950-1 recognition (UL Certificate)
IEC/EN 60950-1 (CB Report)
UL/cUL 62368-1 Recognition (UL Certificate)
IEC/EN 62368-1 (CB Report)
EMI
Conduction
EN55032, EN55022, FCC Part 15
Class A
EMS
EN55024
ESD
EN61000-4-2 Air ±8kV, Contact ±6kV
A
Radiated Immunity
EN61000-4-3 20V/m
A
Fast Transient(4)
EN61000-4-4 ±2kV
A
Surge(4)
EN61000-4-5 ±1kV
A
Conducted Immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 100A/m, 1000A/m (1sec.)
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com