Electronic Components Datasheet Search
  English  ▼

X  

DCPDLW06 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCPDLW06
Description  6 Watt DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDLW06 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCPDLW06 Datasheet HTML 1Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 2Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 3Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 4Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 5Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev A
DCPDLW06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-
778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS: DCPDLW06 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input models
9
24
36
VDC
48VDC nominal input models
18
48
75
Input Surge Voltage (1 sec)
24VDC nominal input models
50
VDC
48VDC nominal input models
100
Input Current
No Load
See Table
Input Reflected Ripple Current (See Note 1)
24VDC nominal input models
20
mAp-p
48VDC nominal input models
40
Input Filter
Capacitor type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load an nominal Vin
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
Load Regulation
No load to full load
Single Output Models
-0.5
+0.5
%
Dual Output Models
-1.0
+1.0
Cross Regulation (Dual Output Models)
Asymmetrical load 25% / 100% FL
-5.0
+5.0
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise
20MHz Bandwidth
3.3V output model
50
mVp-p
5V & 9V output models
75
12V & 15V output
models
100
24V output model
100
Transient Response Recovery Time
25% load step change
250
µs
Start-Up Time
Power Up
Nominal input and constant resistive load
30
ms
Remote On/Off
30
Temperature Coefficient
-0.02
+0.02
%/°C
REMOTE ON/OFF
Positive Logic
DC/DC ON
Referenced to -INPUT pin and CTRL pin applied current
(See Application Circuits on page 4)
Open or high impedance
DC/DC OFF
2
3
4
mA
Negative Logic
DC/DC ON
Referenced to -INPUT pin and CTRL pin applied current
(See Application Circuits on page 4)
2
3
4
mA
DC/DC OFF
Open or high impedance
Remote Off Input Current
2.5
mA
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
Over Load Protection
% of rated Iout; hiccup mode
180
%
GENERAL SPECIFICATIONS
Efficiency
Nominal input voltage and full load
See Table
Switching Frequency
522
580
638
KHz
Isolation Voltage (1 min)
Input to Output
Standard models
1600
VDC
Suffix “M” models
1600
Suffix “H” models (only available with plastic case)
3000
Input to Case
Suffix “M” models
1000
VDC
Output to Case
Suffix “M” models
1000
VDC
Isolation Resistance
500VDC
1
GΩ
Isolation Capacitance
Standard models
50
pF
Suffix “M” models
50
Suffix “H” models (only available with plastic case)
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com