Electronic Components Datasheet Search
  English  ▼

X  

DCSA Datasheet(PDF) 2 Page - Littelfuse

Part # DCSA
Description  The DCSA Series is a loop-powered, linear output current transducer that provides an output that is directly proportional to the RMS AC current passing through the LCSC10T12 sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCSA Datasheet(HTML) 2 Page - Littelfuse

  DCSA Datasheet HTML 1Page - Littelfuse DCSA Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/dcsa
DCSA SERIES
Specifications
Input
Ranges (without
LCSC10T12 connected)
4 factory calibrated ranges
in mA AC
0 - 5mA, 0 - 10mA, 0 - 20mA, or 0 - 50mA AC
Factory calibration
±0.5% of full scale
Repeat Accuracy
±0.25% of full scale under fixed conditions
Response Time
≅ 300ms
Temperature Coefficient
±0.05%/°C
Input to Output
Not isolated
Output
Type
Analog
Current directly proportional to input current
Range
4 - 20mA, or 1 to 5VDC or 2 to 10VDC
Supply Voltage*
10 to 30VDC
Momentary Voltage
40VDC for 1m
Zero Adjust
≅ 3.75 - 4.25mA
Span Adjust
18mA - 22mA
Adjustment
Mini-screw, multi-turn potentiometer
Protection
Dielectric Breakdown
≥ 2500V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Polarity
Units are reverse polarity protected
Mechanical
Mounting
DIN 1 & DIN 3 rail mounting
Termination
Wire clamp
For 22 - 14AWG (.336 mm2 ... 2.5 mm2)
Environmental
Operating/Storage
Temperature
-30° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 1.6 oz (45.4 g)
Accessory - LCSC10T12 Toroidal Sensor
Number of Turns
1000
Nominal Output Current
Full Range
0 - 50 mA
Maximum Allowable Current Steady 50A turns; Inrush 300A turns for 10s
Burden
≤ 0.5 VA
Frequency
0 - 20A / 21 - 50A
20/100 Hz / 30/100 Hz
Sensor Hole
0.36 in. (9.14 mm) for up to #4 AWG
(21.1 mm2) THHN wire
Weight
≅ 1 oz (28.3 g)
*Minimum loop-power supply voltage equals the minimum sensor voltage 10VDC plus the
voltage drop developed across all the other loop devices at 20mA.
Monitored Current Amps Diagram
4
12
20
mA
A
50, 20, 10, 5
25, 10, 5, 2.5
0
Monitored
Current
Amps
2
1
6
3
10
5
VDC
Output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com