Electronic Components Datasheet Search
  English  ▼

X  

SAC Datasheet(PDF) 1 Page - Littelfuse

Part # SAC
Description  The SAC Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SAC Datasheet(HTML) 1 Page - Littelfuse

  SAC Datasheet HTML 1Page - Littelfuse SAC Datasheet HTML 2Page - Littelfuse SAC Datasheet HTML 3Page - Littelfuse SAC Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transient Voltage Suppression Diodes
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/20/15
Axial Leaded – 500W > SAC series
AGENCY
AGENCY FILE NUMBER
E230531
The SAC Series is designed specifically to protect
sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Description
TVS devices are ideal for the protection of I/O interfaces,
V
CC bus and other vulnerable circuits used in telecom,
computer, industrial and consumer electronic applications.
Applications
Features
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation by
10/1000μs Test Waveform (Fig.1)
(Note 1)
P
PPM
500
W
Steady State Power Dissipation on
Infinite Heat Sink at T
L=75ºC )
P
D
3.0
W
Operating Junction and Storage
Temperature Range
T
J, TSTG
-65 to 175
°C
Typical Thermal Resistance Junction
to Lead
R
θJL
20
°C/W
Typical Thermal Resistance Junction
to Ambient
R
θJA
75
°C/W
Note:
1. Non-repetitive current pulse , per Fig. 3 and derated above T
J (initial) = 25
O
C per Fig. 2.
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
• 500W peak pulse power
capability at 10/1000μs
waveform, repetition rate
(duty cycles):0.01%
• Glass passivated chip
junction in DO-15
Package
• Fast response time:
typically less than 1.0ps
from 0 Volts to BV min
• Typical failure mode is
short from over-specified
voltage or current
• Whisker test is
conducted based on
JEDECJESD201A per its
table 4a and 4c
• IEC-61000-4-2 ESD
30kV(Air), 30kV (Contact)
• ESD protection of data
lines in accordance with
IEC 61000-4-2
• Low incremental surge
resistance
• EFT protection of data
lines in accordance with
IEC 61000-4-4
• High temperature
to reflow soldering
guaranteed: 260°C/40sec
/ 0.375”,(9.5mm) lead
length, 5 lbs., (2.3kg)
tension
• Plastic package is
flammability rated
V-0 per Underwriters
Laboratories
• Matte tin lead–free plated
• Ideal for data line
applications
• Halogen free and RoHS
compliant
• Pb-free E3 means 2nd
level interconnect is
Pb-free and the terminal
finish material is tin(Sn)
(IPC/JEDEC J-STD-
609A.01)
Electrical Characteristics (T
A=25°C unless otherwise noted)
Part
Number
Reverse
Stand off
Voltage V
R
(V)
Breakdown
Voltage V
BR
(V)
Maximum
Reverse
Leakage
I
R @ VR
(µA)
Maximum
Clamping
Voltage at
I
pp=5.0A
V
C (V)
Maximum
Peak
Pulse
Current
(Fig.3)
I
PP (A)
Maximum
Junction
Capacitance
@ 0Volts (pF)
Working
Inverse
Blocking
Voltage
V
WIB (V)
Inverse
Blocking
Leakage
Current at
I
IB @ VWIB
(mA)
Peak
Inverse
Blocking
Voltage
V
PIB (V)
Agency
Approval
MIN
SAC5.0
5.0
7.60
300
10.0
44.0
50
75
1.0
100
X
SAC6.0
6.0
7.90
300
11.2
41.0
50
75
1.0
100
X
SAC7.0
7.0
8.33
300
12.6
38.0
50
75
1.0
100
X
SAC8.0
8.0
8.89
100
13.4
36.0
50
75
1.0
100
X
SAC8.5
8.5
9.44
50
14.0
34.0
50
75
1.0
100
X
SAC10
10.0
11.10
5
16.3
29.0
50
75
1.0
100
X
SAC12
12.0
13.30
1
19.0
25.0
50
75
1.0
100
X
SAC15
15.0
16.70
1
23.6
20.0
50
75
1.0
100
X
SAC18
18.0
20.00
1
28.8
15.0
50
75
1.0
100
X
SAC22
22.0
24.40
1
35.4
14.0
50
75
1.0
100
X
SAC26
26.0
28.90
1
42.3
11.1
50
75
1.0
100
X
SAC30
30.0
33.30
1
48.6
10.0
50
75
1.0
100
X
SAC36
36.0
40.00
1
60.0
8.6
50
75
1.0
100
X
SAC45
45.0
50.00
1
77.0
6.8
50
150
1.0
200
X
SAC50
50.0
55.50
1
88.0
5.8
50
150
1.0
200
X
SAC Series
Uni-directional
RoHS
Pb e3


Similar Part No. - SAC

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC EIC-SAC Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Taiwan Semiconductor Co...
SAC TSC-SAC Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
Tip & Ring Capacitors
logo
MERITEK ELECTRONICS COR...
SAC MERITEK-SAC Datasheet
460Kb / 3P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SAC RUILON-SAC Datasheet
685Kb / 7P
Transient Voltage Suppressors
More results

Similar Description - SAC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMA6L LITTELFUSE-SMA6L Datasheet
1Mb / 6P
The SMA6L series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMBJ LITTELFUSE-SMBJ Datasheet
987Kb / 6P
The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF33 LITTELFUSE-SMF33 Datasheet
995Kb / 4P
SMF3.3 is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
3.0SMC LITTELFUSE-3.0SMC Datasheet
899Kb / 5P
The 3.0SMC series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
5.0SMDJ LITTELFUSE-5.0SMDJ Datasheet
1,002Kb / 6P
The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
15KPA LITTELFUSE-15KPA Datasheet
989Kb / 6P
The 15KPA Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMCJ LITTELFUSE-SMCJ Datasheet
967Kb / 6P
The SMCJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6J LITTELFUSE-SMA6J Datasheet
772Kb / 6P
The SMA6J series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com