Electronic Components Datasheet Search
  English  ▼

X  

SLD8S Datasheet(PDF) 5 Page - Littelfuse

Part # SLD8S
Description  The SLD8S Series is SMTO-263 packaged with leaded modification and is designed to provide precision overvoltage protection for sensitive electronics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SLD8S Datasheet(HTML) 5 Page - Littelfuse

  SLD8S Datasheet HTML 1Page - Littelfuse SLD8S Datasheet HTML 2Page - Littelfuse SLD8S Datasheet HTML 3Page - Littelfuse SLD8S Datasheet HTML 4Page - Littelfuse SLD8S Datasheet HTML 5Page - Littelfuse SLD8S Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 08/24/16
TVS Diodes
Surface Mount – SLD8S series
Part Numbering System
Power Dissipation
Voltage
5% Voltage Tolerance
Series Code
SLD 8XX A
S
SMTO-263 package
Part Marking System
SLD8SXXX
YMXXX
Dimensions
B
A
C
E
D
F
G
H
M
I
J
0.413
(10.50)
0.601
(15.27)
0.350
(8.89)
0.276
(7.01)
0.085
(2.16)
0.091
(2.30)
0.118
(3.00)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
RECOMMEND SOLDERING
PAD OUTLINE
0.032
(0.81)
U
0.331
(8.41)
0.276
(7.01)
0.320
(8.13)
AREA: 0..11 IN2
Physical Specifications
Terminal Finish
100% Matte Tin-plated
Body Material
ULrecognizedepoxymeetingflammability
classification94V-0
Lead Material
CopperAlloy
Environmental Specifications
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
MSL
JEDEC-J-STD-020,LEVEL1
H3TRB
JESD22-A101
RSH
JESD22-A111
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.568
0.600
14.44
15.24
B
0.380
0.420
9.65
10.67
C
0.098
0.114
2.50
2.90
D
0.169
0.189
4.30
4.80
E
0.102
0.118
2.60
3.00
F
0.178
0.188
4.52
4.78
G
0.045
0.060
1.14
1.52
H
0.360
0.370
9.14
9.40
I
0.106
0.122
2.69
3.09
J
0.069
0.089
1.75
2.25
M
0.284
0.300
7.22
7.62
U
0
0.010
0
0.25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com