Electronic Components Datasheet Search
  English  ▼

X  

AD8610 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8610
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8610 Datasheet HTML 8Page - Analog Devices AD8610 Datasheet HTML 9Page - Analog Devices AD8610 Datasheet HTML 10Page - Analog Devices AD8610 Datasheet HTML 11Page - Analog Devices AD8610 Datasheet HTML 12Page - Analog Devices AD8610 Datasheet HTML 13Page - Analog Devices AD8610 Datasheet HTML 14Page - Analog Devices AD8610 Datasheet HTML 15Page - Analog Devices AD8610 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. D
–12–
AD8610/AD8620
diodes greatly interfere with many application circuits such as
precision rectifiers and comparators. The AD8610 is free from
these limitations.
V1
–13V
3
2
7
4
+13V
14V
0
6
AD8610
Figure 16. Unity Gain Follower
No Phase Reversal
Many amplifiers misbehave when one or both of the inputs are
forced beyond the input common-mode voltage range. Phase
reversal is typified by the transfer function of the amplifier,
effectively reversing its transfer polarity. In some cases, this can
cause lockup and even equipment damage in servo systems, and
may cause permanent damage or nonrecoverable parameter
shifts to the amplifier itself. Many amplifiers feature compensation
circuitry to combat these effects, but some are only effective for
the inverting input. The AD8610/AD8620 is designed to prevent
phase reversal when one or both inputs are forced beyond their
input common-mode voltage range.
TIME – 400 s/DIV
0
VIN
VOUT
Figure 17. No Phase Reversal
THD Readings vs. Common-Mode Voltage
Total harmonic distortion of the AD8610/AD8620 is well below
0.0006% with any load down to 600
Ω. The AD8610/AD8620
outperforms the OPA627 for distortion, especially at frequen-
cies above 20 kHz.
FREQUENCY – Hz
0.01
0.0001
10
80k
0.001
0.1
100
1k
10k
OPA627
AD8610
VSY =
13V
VIN = 5V rms
BW = 80kHz
Figure 18. AD8610 vs. OPA627 THD + Noise @ VCM = 0 V
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = +1
SR = 23V/ s
Figure 14. (+SR) of OPA627 in Unity Gain of +1
The slew rate of an amplifier determines the maximum frequency
at which it can respond to a large signal input. This frequency
(known as full-power bandwidth, or FPBW) can be calculated
from the equation:
FPBW
SR
V
PEAK
=
×
()
2
π
for a given distortion (e.g., 1%).
0V
CH2 = 19.4Vp-p
0V
CH1 = 20.8Vp-p
TIME – 400ns/DIV
Figure 15. AD8610 FPBW
Input Overvoltage Protection
When the input of an amplifier is driven below VEE or above VCC
by more than one VBE, large currents will flow from the substrate
through the negative supply (V–) or the positive supply (V+),
respectively, to the input pins, which can destroy the device. If the
input source can deliver larger currents than the maximum forward
current of the diode (>5 mA), a series resistor can be added to
protect the inputs. With its very low input bias and offset current, a
large series resistor can be placed in front of the AD8610 inputs to
limit current to below damaging levels. Series resistance of 10 k
Ω
will generate less than 25
µV of offset. This 10 kΩ will allow input
voltages more than 5 V beyond either power supply. Thermal noise
generated by the resistor will add 7.5 nV/
√Hz to the noise of the
AD8610. For the AD8610/AD8620, differential voltages equal to
the supply voltage will not cause any problem (see Figure 15).
In this context, it should also be noted that the high breakdown
voltage of the input FETs eliminates the need to include clamp
diodes between the inputs of the amplifier, a practice that is
mandatory on many precision op amps. Unfortunately, clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com