Electronic Components Datasheet Search
  English  ▼

X  

AD8610AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD8610AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8610AR Datasheet HTML 9Page - Analog Devices AD8610AR Datasheet HTML 10Page - Analog Devices AD8610AR Datasheet HTML 11Page - Analog Devices AD8610AR Datasheet HTML 12Page - Analog Devices AD8610AR Datasheet HTML 13Page - Analog Devices AD8610AR Datasheet HTML 14Page - Analog Devices AD8610AR Datasheet HTML 15Page - Analog Devices AD8610AR Datasheet HTML 16Page - Analog Devices AD8610AR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. D
AD8610/AD8620
–13–
4V rms
6V rms
2V rms
VSY =
13V
RL = 600
FREQUENCY – Hz
0.01
0.001
10
20k
0.1
100
1k
10k
Figure 19. THD + Noise vs. Frequency
Noise vs. Common-Mode Voltage
AD8610 noise density varies only 10% over the input range as
shown in Table I.
Table I. Noise vs. Common-Mode Voltage
VCM at F = 1 kHz (V)
Noise Reading (nV/
√Hz)
–10
7.21
–5
6.89
06.73
+5
6.41
+10
7.21
Settling Time
The AD8610 has a very fast settling time, even to a very tight error
band, as can be seen from Figure 20. The AD8610 is configured
in an inverting gain of +1 with 2 k
Ω input and feedback resistors.
The output is monitored with a 10
×, 10 M, 11.2 pF scope probe.
ERROR BAND – %
1.2k
0
0.001
10
0.01
0.1
1
800
400
1.0k
600
200
Figure 20. AD8610 Settling Time vs. Error Band
ERROR BAND – %
1.2k
1.0k
0
0.001
10
0.01
0.1
1
800
600
200
400
OPA627
Figure 21. OPA627 Settling Time vs. Error Band
The AD8610/AD8620 maintains this fast settling when loaded
with large capacitive loads as shown in Figure 22.
CL – pF
0
2000
500
1000
1500
ERROR BAND
0.01%
3.0
2.0
0.0
1.0
2.5
1.5
0.5
Figure 22. AD8610 Settling Time vs. Load Capacitance
CL – pF
3.0
2.0
0.0
1.0
2.5
1.5
0.5
0
2000
500
1000
1500
ERROR BAND
0.01%
Figure 23. OPA627 Settling Time vs. Load Capacitance
Output Current Capability
The AD8610 can drive very heavy loads due to its high output
current. It is capable of sourcing or sinking 45 mA at
±10 V output.
The short circuit current is quite high and the part is capable of
sinking about 95 mA and sourcing over 60 mA while operating with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com