Electronic Components Datasheet Search
  English  ▼

X  

ADA1108P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADA1108P
Description  Switching Diode Array
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADA1108P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADA1108P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
·
8 Diode Array
·
Standard 16 pin Dual-In-Line Package
·
UL 94V-0 Flammability Classification
MECHANICAL
·
Molded 16 Pin Dip
·
Weight: 1.026 grams (approximate)
·
Marking: Logo, device number, date code
·
Pin #1 defined by DOT on top of package
MAXIMUM RATINGS
·
Operating Temperatures: -55
0C to +1500C
·
Storage Temperature: -55
0C to +1500C
·
Forward Surge Current: 2.0 Amps (8.3 mS)
·
Minimum Breakdown Voltage V(BR): 90V
·
Working Peak Reverse Voltage VRWM: 75V
·
Continuous forward current IF: 400 mA
·
Power dissipation (PD): 500 mW
·
Derating factor: 4.0 mW/
°C
PACKAGING
·
Carrier tube 25 pcs per (STANDARD)
ELECTRICAL CHARACTERISTICS @ 25
0C Unless otherwise specified
V(BR)
@100µA
V
VRWM
V
IR
+25ºC
µA
IR
+150ºC
µA
CAP
@0V
pF
trr
(nS)
VF
@If =
10mA
V
VF
@If =
100mA
V
Part
Number
MIN
MAX
MAX
@ VR
MAX
@ VR
MAX
MAX
MAX
MAX
ADA1108P
90
75
.100
20
50
20
4.0
5.0
1.00
1.20
ADA1108P
Switching Diode Array
CIRCUIT DIAGRAM
AMERICAN MICROSEMICONDUCTOR INC.
P. 0. Box 104
Madison, New Jersey 07940 U. S. A.
http://www.americanmicrosemi.com
Phone: (973) 377-9566 Fax: (973) 377-3078
email:sales@americanmicrosemi.com


Similar Part No. - ADA1108P

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
ADA1108P AMMSEMI-ADA1108P Datasheet
120Kb / 1P
8 Diode Array
More results

Similar Description - ADA1108P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104 Datasheet
50Kb / 1P
Switching Diode Array
MMAD1104 MICROSEMI-MMAD1104 Datasheet
86Kb / 1P
Switching Diode Array
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
Switching Diode Array
MMAD1108 MICROSEMI-MMAD1108 Datasheet
77Kb / 1P
Switching Diode Array
MMAD1109 MICROSEMI-MMAD1109 Datasheet
80Kb / 1P
Switching Diode Array
S24-4148CC MICROSEMI-S24-4148CC Datasheet
67Kb / 1P
Switching Diode Array
logo
Chenmko Enterprise Co. ...
MMBD4448FPT CHENMKO-MMBD4448FPT Datasheet
111Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448HTWPT CHENMKO-MMBD4448HTWPT Datasheet
103Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448TPT CHENMKO-MMBD4448TPT Datasheet
128Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448VPT CHENMKO-MMBD4448VPT Datasheet
110Kb / 2P
SWITCHING DIODE ARRAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com