Electronic Components Datasheet Search
  English  ▼

X  

ADC08034 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08034
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08034 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC08034 Datasheet HTML 11Page - National Semiconductor (TI) ADC08034 Datasheet HTML 12Page - National Semiconductor (TI) ADC08034 Datasheet HTML 13Page - National Semiconductor (TI) ADC08034 Datasheet HTML 14Page - National Semiconductor (TI) ADC08034 Datasheet HTML 15Page - National Semiconductor (TI) ADC08034 Datasheet HTML 16Page - National Semiconductor (TI) ADC08034 Datasheet HTML 17Page - National Semiconductor (TI) ADC08034 Datasheet HTML 18Page - National Semiconductor (TI) ADC08034 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Functional Description (Continued)
put 0000 0000 digital code for this minimum input voltage by
biasing any V
IN (−) input at this VIN(MIN) value. This utilizes
the differential mode operation of the A/D.
The zero error of the A/D converter relates to the location of
the first riser of the transfer function and can be measured by
grounding the V
IN (−) input and applying a small magnitude
positive voltage to the V
IN (+) input. Zero error is the differ-
ence between the actual DC input voltage which is neces-
sary to just cause an output digital code transition from 0000
0000 to 0000 0001 and the ideal 1⁄2 LSB value (1⁄2 LSB =
9.8mV for V
REF = 5.000VDC).
5.2 Full Scale
The full-scale adjustment can be made by applying a differ-
ential input voltage which is 11⁄2 LSB down from the desired
analog full-scale voltage range and then adjusting the mag-
nitude of the V
REFIN input (or VCC for the ADC08032) for a
digital output code which is just changing from 1111 1110 to
1111 1111.
5.3 Adjusting for an Arbitrary Analog Input
Voltage Range
If the analog zero voltage of the A/D is shifted away from
ground (for example, to accommodate an analog input signal
which does not go to ground), this new zero reference
should be properly adjusted first. A V
IN (+) voltage which
equals this desired zero reference plus 1⁄2 LSB (where the
LSB is calculated for the desired analog span, using 1 LSB =
analog span/256) is applied to selected “+” input and the
zero reference voltage at the corresponding “−” input should
then be adjusted to just obtain the 00
HEX to 01HEX code tran-
sition.
The full-scale adjustment should be made [with the proper
V
IN (−) voltage applied] by forcing a voltage to the VIN (+) in-
put which is given by:
where:
V
MAX = the high end of the analog input range
and
V
MIN = the low end (the offset zero) of the analog range.
(Both are ground referenced.)
The V
REFIN (or VCC) voltage is then adjusted to provide a
code change from FE
HEX to FFHEX. This completes the ad-
justment procedure.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com