Electronic Components Datasheet Search
  English  ▼

X  

SP1013 Datasheet(PDF) 4 Page - Littelfuse

Part # SP1013
Description  SP1013 Series 30pF 30kV Bidirectional Discrete TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1013 Datasheet(HTML) 4 Page - Littelfuse

  SP1013 Datasheet HTML 1Page - Littelfuse SP1013 Datasheet HTML 2Page - Littelfuse SP1013 Datasheet HTML 3Page - Littelfuse SP1013 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2017 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 01/30/17
TVS Diode Arrays (SPA® Diodes)
General Purpose Protection - SP1013 Series
SP1013 Series
Package Dimensions — Flipchip
4
Embossed Carrier Tape & Reel Specification — Flipchip
7
Symbol
Millimeters
A0
0.34+/-0.03
B0
0.60+/-0.03
K0
0.25 + 0.03
F
3.50 +/- 0.05
P1
2.00+/-0.10
W
8.00+/-0.10
TOP VIEW
BOTTOM VIEW
A1
A2 A
E
D
D
G
F
0.20
Recommended Solder Pad Footprint
and Stencil opening
*Sizes in mm
Stencil opening
(0.20x0.16)
Solder Pad
(0.20x0.14)
0.16
0.25
Thickness of Stencil opening is 0.08mm
0.20
0.14
0.01
TOP VIEW
BOTTOM VIEW
A1
A2 A
E
D
D
G
F
0.20
Recommended Solder Pad Footprint
and Stencil opening
*Sizes in mm
Stencil opening
(0.20x0.16)
Solder Pad
(0.20x0.14)
0.16
0.25
Thickness of Stencil opening is 0.08mm
0.20
0.14
0.01
Symbol
Flipchip
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.183
0.211
0.239
0.0072
0.0083 0.0094
A1
0.008
0.011
0.014
0.0003 0.0004 0.0006
A2
0.175
0.200
0.225
0.0069
0.0079 0.0089
D
0.280
0.290
0.300
0.0110
0.0114
0.0118
E
0.530
0.540
0.550
0.0209
0.0213
0.0217
F
-
0.100
-
-
0.0039
-
G
-
0.200
-
-
0.0079
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com