Electronic Components Datasheet Search
  English  ▼

X  

SP1053 Datasheet(PDF) 4 Page - Littelfuse

Part # SP1053
Description  SP1053 8.5pF 8kV 01005 DFN Plastic Unidirectional Discrete TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1053 Datasheet(HTML) 4 Page - Littelfuse

  SP1053 Datasheet HTML 1Page - Littelfuse SP1053 Datasheet HTML 2Page - Littelfuse SP1053 Datasheet HTML 3Page - Littelfuse SP1053 Datasheet HTML 4Page - Littelfuse SP1053 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2018 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 02/07/18
General Purpose ESD Protection - SP1053
Ordering Information
Part Number
Package
Min. Order Qty.
SP1053-01UTG
01005 DFN plastic
20000
Part Numbering System
Part Marking System
SP 1053 01
T G
Series
Number of
Channels
Package
T= Tape & Reel
G= Green
–
U: 01005 DFN plastic
TVS Diode Arrays
(SPA® Diodes)
U
Package Dimensions — 01005 DFN plastic
e
D
Top View
Bottom View
Side View
Pin 1
L1
L2
Recommended solder footprint
0.50mm
0.19mm
0.19mm
Pin 1
Symbol
01005 DFN
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.235
0.250
0.265
0.0093 0.0098
0.0104
A1
-
0.015
0.020
-
0.0006 0.0008
b
0.100
0.150
0.200
0.0039 0.0059 0.0079
D
0.385
0.435
0.485
0.0152 0.0171
0.0191
E
0.200
0.250
0.300
0.0079 0.0098
0.0118
e
0.293
0.0115
L1
0.090
0.140
0.190
0.0035 0.0055 0.0075
L2
0.095
0.145
0.195
0.0037 0.0057 0.0077
Product Characteristics
Lead Plating
Pre-Plated Frame
Lead Material
Copper Alloy
Substrate material
Silicon
Body Material
Molded Compound
Flammability
UL Recognized compound meeting
flammability rating V-0.
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com