Electronic Components Datasheet Search
  English  ▼

X  

FMMT494TC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # FMMT494TC
Description  120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT494TC Datasheet(HTML) 6 Page - Diodes Incorporated

  FMMT494TC Datasheet HTML 1Page - Diodes Incorporated FMMT494TC Datasheet HTML 2Page - Diodes Incorporated FMMT494TC Datasheet HTML 3Page - Diodes Incorporated FMMT494TC Datasheet HTML 4Page - Diodes Incorporated FMMT494TC Datasheet HTML 5Page - Diodes Incorporated FMMT494TC Datasheet HTML 6Page - Diodes Incorporated FMMT494TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FMMT494
Document number: DS33095 Rev. 5 - 2
6 of 7
www.diodes.com
November 2017
© Diodes Incorporated
FMMT494
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT23 (Type DN)
E
A1
c
L
D
A
b
e
e1
E1
L
SOT23 (Type DN)
Dim
Min
Max
Typ
A
0.89
1.12
1.00
A1
0.01
0.10
0.05
b
0.30
0.51
0.45
c
0.08
0.20
0.10
D
2.80
3.04
3.00
E
2.10
2.64
2.42
E1
1.20
1.40
1.37
e
0.95 REF
e1
1.90 REF
L
0.25
0.60
0.30
L1
0.45
0.62
0.54
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT23 (Type DN)
X
Y
Y1
C
X1
Dimensions
Value (in mm)
C
2.0
X
0.8
X1
1.35
Y
0.9
Y1
2.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com