Electronic Components Datasheet Search
  English  ▼

X  

FMMTA92Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMTA92Q
Description  300V PNP HIGH VOLTAGE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTA92Q Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMTA92Q Datasheet HTML 1Page - Diodes Incorporated FMMTA92Q Datasheet HTML 2Page - Diodes Incorporated FMMTA92Q Datasheet HTML 3Page - Diodes Incorporated FMMTA92Q Datasheet HTML 4Page - Diodes Incorporated FMMTA92Q Datasheet HTML 5Page - Diodes Incorporated FMMTA92Q Datasheet HTML 6Page - Diodes Incorporated FMMTA92Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMTA92Q
Document Number: DS39239 Rev. 1 - 2
1 of 7
www.diodes.com
September 2016
© Diodes Incorporated
FMMTA92Q
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Description
This Bipolar Junction Transistor (BJT) is designed to meet the
stringent requirements of Automotive Applications.
Features
BVCEO > -300V
IC = -200mA High Continuous Collector Current
Complementary Type: FMMTA42Q
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic
, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FMMTA92QTA
Automotive
4E
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
4E = Product Type Marking Code
C
E
B
Top View
SOT23
Device Symbol
Top View
Pin-Out
4E
SOT23


Similar Part No. - FMMTA92Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA92 ZETEX-FMMTA92 Datasheet
71Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMTA92 ZETEX-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 2001
logo
Zetex Semiconductors
FMMTA92 ZETEX-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92 Datasheet
423Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR
Rev 5
More results

Similar Description - FMMTA92Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
PNP high-voltage transistor
1997 Apr 22
logo
Diodes Incorporated
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
FMMT597 DIODES-FMMT597_15 Datasheet
617Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 4
FMMTA42 DIODES-FMMTA42_15 Datasheet
269Kb / 6P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 7
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
300V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 6
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Rev 1
FMMTA92 DIODES-FMMTA92_17 Datasheet
423Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR
Rev 5
FZT657 DIODES-FZT657_18 Datasheet
639Kb / 7P
300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 6
MJD350 DIODES-MJD350_18 Datasheet
673Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com