Electronic Components Datasheet Search
  English  ▼

X  

FZT949 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FZT949
Description  30V PNP MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT949 Datasheet(HTML) 4 Page - Diodes Incorporated

  FZT949 Datasheet HTML 1Page - Diodes Incorporated FZT949 Datasheet HTML 2Page - Diodes Incorporated FZT949 Datasheet HTML 3Page - Diodes Incorporated FZT949 Datasheet HTML 4Page - Diodes Incorporated FZT949 Datasheet HTML 5Page - Diodes Incorporated FZT949 Datasheet HTML 6Page - Diodes Incorporated FZT949 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FZT949
Datasheet Number: DS38008 Rev. 2 - 2
4 of 7
www.diodes.com
April 2017
© Diodes Incorporated
FZT949
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
-80
—
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCER
-50
-80
—
V
IC = -1µA, RB ≤ 1kΩ
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
-30
-45
—
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8
—
V
IE = -100µA
Collector Cut-Off Current
ICBO
—
—
-50
-1
nA
µA
VCB = -40V
VCB = -40V, TA = +100°C
Collector Cut-Off Current
ICER
—
—
-50
-1
nA
µA
VCE = -40V, R ≤ 1kΩ
VCE = -40V, TA = +100°C
Emitter Cut-Off Current
IEBO
—
—
-10
nA
VEB = -6V
DC Current Transfer Static Ratio (Note 10)
hFE
100
200
—
—
IC = -10mA, VCE = -1V
100
200
300
IC = -1A, VCE = -1V
75
140
—
IC = -5A, VCE = -1V
—
35
—
IC = -20A, VCE = -2V
Collector-Emitter Saturation Voltage (Note 10)
VCE(SAT)
—
-50
-75
mV
IC = -500mA, IB = -20mA
—
-85
-140
IC = -1A, IB = -20mA
—
-190
-270
IC = -2A, IB = -200mA
—
-350
-440
IC = -5.5A, IB = -500mA
Base-Emitter Saturation Voltage (Note 10)
VBE(SAT)
—
-1,100
-1,250
mV
IC = -5.5A, IB = -500mA
Base-Emitter Turn-On Voltage (Note 10)
VBE(ON)
—
-900
-1,060
mV
IC = -5.5A, VCE = -1V
Transitional Frequency (Note 10)
fT
—
100
—
MHz
IC = -100mA, VCE = -10V,
f = 50MHz
Output Capacitance
COBO
—
122
—
pF
VCB = -10V, f = 1MHz
Switching Time
tON
—
120
—
ns
VCC = -10V, IC = -4A,
IB1 = -IB2 = -400mA
tOFF
—
130
—
Note:
10. Measured under pulsed conditions. Pulse width
≤ 300μs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com