Electronic Components Datasheet Search
  English  ▼

X  

SP1064 Datasheet(PDF) 4 Page - Littelfuse

Part # SP1064
Description  SP1064 Series 8.5pF, 15 kV Diode Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1064 Datasheet(HTML) 4 Page - Littelfuse

  SP1064 Datasheet HTML 1Page - Littelfuse SP1064 Datasheet HTML 2Page - Littelfuse SP1064 Datasheet HTML 3Page - Littelfuse SP1064 Datasheet HTML 4Page - Littelfuse SP1064 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2018 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Array (SPA®Diodes)
Revision: 03/26/18
TVS Diode Array (SPA® Diodes)
General Purpose ESD Protection - SP1064 Series
Package Dimensions — µDFN-10 (2.5x1.0x0.5mm)
Package
µDFN-10 (2.5x1.0x0.5mm)
JEDEC
MO-229
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
0.45
0.55
0.018
0.022
A1
0.00
0.05
0.000
0.002
A2
0.10
0.20
0.004
0.008
b
0.15
0.25
0.006
0.010
b1
0.35
0.45
0.014
0.018
b2
0.25 REF (Optional)
0.010 REF (Optional)
D
2.40
2.60
0.098
0.106
E
0.90
1.10
0.037
0.045
L
0.30
0.45
0.012
0.018
e
0.50 BSC
0.020 BSC
R
0.05
0.15
0.002
0.006
Part Number
Package
Marking
Min. Order Qty.
SP1064-04UTG
µDFN-10
a*4
3000
Ordering Information
Part Marking System
Part Numbering System



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com