Electronic Components Datasheet Search
  English  ▼

X  

SP3022 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3022
Description  SP3022 Series 0.35pF 20kV Bidirectional Discrete TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3022 Datasheet(HTML) 4 Page - Littelfuse

  SP3022 Datasheet HTML 1Page - Littelfuse SP3022 Datasheet HTML 2Page - Littelfuse SP3022 Datasheet HTML 3Page - Littelfuse SP3022 Datasheet HTML 4Page - Littelfuse SP3022 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TVS Diode Arrays (SPA®Diodes)
Low Capacitance ESD Protection - SP3022 Series
Package Dimensions — 0201 Flipchip
Symbol
0201 Flipchip
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.595
0.620
0.645
0.0234 0.0244 0.0254
B
0.295
0.320
0.345
0.0116
0.0126
0.0136
C
0.245
0.275
0.305
0.0096
0.0108
0.0120
D
0.145
0.150
0.155
0.0057 0.0059 0.0061
E
0.245
0.250
0.255
0.0096 0.0098
0.0100
F
0.245
0.250
0.255
0.0096 0.0098
0.0100
G
0.005
0.010
0.015
0.0002 0.0004 0.0006
A
B
D
E
D
F
C
G
0.28
0.30
0.75
0.19
Recommended Solder Pad Footprint
*Sizes in mm
Recommended Soldering Pad Layout
0.650
0.325
0.325
0.975
0.650
0.650
Package Dimensions — SOD882
Symbol
Package
SOD882
JEDEC
MO-236
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.95
1.00
1.05
0.037
0.039
0.041
B
0.55
0.60
0.65
0.022
0.024
0.026
C
0.50
0.55
0.60
0.020
0.022
0.024
D
0.45
0.018
E
0.20
0.25
0.30
0.008
0.010
0.012
F
0.45
0.50
0.55
0.018
0.020
0.022
Part Numbering System
SP 3022 01 x T G
Series
Number of
Channels
Package
T= Tape & Reel
G= Green
–
TVS Diode Arrays
(SPA® Diodes)
W: 0201 Flipchip
E: SOD882
Part Marking System
SP3022-01WTG
SP3022-01ETG
Part Number
Package
Marking
Min. Order Qty.
Packaging Option
P0/P1
Packaging Specification
SP3022-01WTG
0201 Flipchip
-
10000
Tape & Reel – 8mm tape/7” reel
4mm/2mm
EIA RS-481
SP3022-01ETG
SOD882
-
10000
Tape & Reel – 8mm tape/7” reel
4mm/2mm
EIA RS-481
Ordering Information
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/13/17



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com