Electronic Components Datasheet Search
  English  ▼

X  

SP3030 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3030
Description  SP3030 Series 0.5pF 20kV Unidirectional Discrete TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3030 Datasheet(HTML) 4 Page - Littelfuse

  SP3030 Datasheet HTML 1Page - Littelfuse SP3030 Datasheet HTML 2Page - Littelfuse SP3030 Datasheet HTML 3Page - Littelfuse SP3030 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
Low Capacitance ESD Protection - SP3030 Series
Embossed Carrier Tape & Reel Specification — SOD882
Package Dimensions — SOD882
Recommended Soldering Pad Layout
Symbol
Package
SOD882
JEDEC
MO-236
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.90
1.00
1.10
0.037
0.039
0.041
B
0.50
0.60
0.70
0.022
0.024
0.026
C
0.40
0.50
0.60
0.016
0.020
0.024
D
0.45
0.018
E
0.20
0.25
0.35
0.008
0.010
0.012
F
0.45
0.50
0.55
0.018
0.020
0.022
W
P1
P0
P2
Φ2: 1.55±0.05
E
F
A0
B0
K0
T
Top
Cover
Tape
3° REF
Φ: 0.40±0.05
Pin1
Device OrientationinTape
R
W1
W
MN
S
H
K
Ordering Information
Part Number
Package
Marking
Packaging Options
P0/P1
Packaging Specifications
Min. Order Qty.
SP3030-01ETG
SOD882
“T” or “W”
Tape & Reel - 8mm tape/7” reel
4mm/2mm
EIA-481
10,000
Symbol
Tape Dimensions
Millimeters
Min
Max
A0
0.65
0.75
B0
1.10
1.20
K0
0.50
0.60
E
1.65
1.85
F
3.45
3.55
P0
3.90
4.10
P1
1.90
2.10
P2
1.95
2.05
T
1.95
2.05
W
7.90
8.10
Symbol
Reel Dimensions (Size Ø 178)
Millimeters
Min
Max
M
177.0
179.0
N
59.0
61.0
W
11.0
12.0
W1
8.5
9.5
H
12.5
13.5
S
1.9
2.1
K
10.8
11.2
R
0.95
1.05
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com