Electronic Components Datasheet Search
  English  ▼

X  

SP3042 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3042
Description  SP3042 Series 0.35pF 30kV Bidirectional Discrete TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3042 Datasheet(HTML) 4 Page - Littelfuse

  SP3042 Datasheet HTML 1Page - Littelfuse SP3042 Datasheet HTML 2Page - Littelfuse SP3042 Datasheet HTML 3Page - Littelfuse SP3042 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 10/26/16
TVS Diode Arrays (SPA® Diodes)
Low Capacitance ESD Protection - SP3042 Series
Embossed Carrier Tape & Reel Specification — 01005 Flipchip
Symbol
Millimeters
A0
0.30+/-0.03
B0
0.51+/-0.03
K0
0.20 + 0.03
F
3.50 +/- 0.05
P1
2.00+/-0.10
W
8.00+/-0.10
Package Dimensions — 01005 Flipchip
Symbol
01005 Flipchip
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.168
0.181
0.194
0.0066
0.0071
0.0076
A1
0.008
0.011
0.014
0.0003 0.0004 0.0006
A2
0.160
0.170
0.180
0.0063
0.0067 0.0071
e
0.280 BSC
0.011 BSC
D
0.200
0.230
0.260
0.0079
0.0091
0.0102
E
0.400
0.430
0.460
0.0157
0.0169
0.0181
F
0.110
0.130
0.150
0.0043
0.0051 0.0059
G
0.180
0.200
0.220
0.0071
0.0079 0.0087
P
0.130
0.150
0.170
0.0051
0.0059 0.0067
F
e
P
E
Top View
Bottom View
Side View
Pin 1
0.15mm
0.30mm
0.15mm
0.30mm
0.15mm
Recommended soldering pad layout
Stencil apertures
Part Numbering System
SP 3042 01 W T G
Series
Number of
Channels
Package
T= Tape & Reel
G= Green
–
TVS Diode Arrays
(SPA® Diodes)
W: 01005 Flipchip
Part Marking System



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com