Electronic Components Datasheet Search
  English  ▼

X  

SP3145 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3145
Description  SP3145 Series 0.35pF 20kV Unidirectional Discrete TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3145 Datasheet(HTML) 4 Page - Littelfuse

  SP3145 Datasheet HTML 1Page - Littelfuse SP3145 Datasheet HTML 2Page - Littelfuse SP3145 Datasheet HTML 3Page - Littelfuse SP3145 Datasheet HTML 4Page - Littelfuse SP3145 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 12/07/16
Low Capacitance ESD Protection - SP3145 Series
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Ordering Information
Part Number
Package
Min. Order Qty.
SP3145-01WTG
01005 Flipchip
15000
Part Numbering System
Part Marking System
SP 3145 01
T G
Series
Number of
Channels
Package
T= Tape & Reel
G= Green
–
W: 01005 Flipchip
TVS Diode Arrays
(SPA® Diodes)
W
Package Dimensions — 01005 Flipchip
Symbol
01005 Flipchip
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.168
0.181
0.194
0.007
0.007
0.008
A1
0.008
0.011
0.014
0.000
0.000
0.001
A2
0.160
0.170
0.180
0.006
0.007
0.007
e
0.280 BSC
0.011 BSC
D
0.200
0.230
0.260
0.008
0.009
0.010
E
0.400
0.430
0.460
0.016
0.017
0.018
F
0.110
0.130
0.150
0.004
0.005
0.006
G
0.180
0.200
0.220
0.007
0.008
0.009
P
0.130
0.150
0.170
0.005
0.006
0.007
F
e
P
Bottom View
Side View
E
Top View
Pin 1
0.15mm
0.30mm
0.15mm
0.30mm
0.15mm
Recommended soldering pad layout
Stencil apertures



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com