Electronic Components Datasheet Search
  English  ▼

X  

PE3C4137 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C4137
Description  Plenum N Male to N Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4137 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C4137 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4137 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4137 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4137 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4137 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C4137 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.7
2
6
GHz
dB/m
dB/m
VSWR (Max.)
1.25:1
1.25:1
1.35:1
Power Handling (Max.)
460
250
Watts
.
Electrical Specification Notes:
Values at 25°C, sea level
PIM test results vary between cables
Mechanical Specifications
Cable Assembly
Diameter
0.28 in [7.11 mm]
.
Cable
Cable Type
SPP-250-LLPL
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Bare
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Helically Corrugated Copper Tube
Outer Conductor Diameter
0.25 in [6.35 mm]
Jacket Material
FEP
Jacket Diameter
0.28 in [7.11 mm]
.
One Time Minimum Bend Radius
1.5 in [38.1 mm]
PE3C4137 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Plenum N Male to N Male Low PIM Cable Using SPP-250-LLPL Coax, RoHS PE3C4137
RF Cable Assemblies Technical Data Sheet
PE3C4137
Plenum N Male to N Male Low PIM Cable
Using SPP-250-LLPL Coax, RoHS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com