Electronic Components Datasheet Search
  English  ▼

X  

HMC373LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC373LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC373LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC373LP3 Datasheet HTML 1Page - Analog Devices HMC373LP3 Datasheet HTML 2Page - Analog Devices HMC373LP3 Datasheet HTML 3Page - Analog Devices HMC373LP3 Datasheet HTML 4Page - Analog Devices HMC373LP3 Datasheet HTML 5Page - Analog Devices HMC373LP3 Datasheet HTML 6Page - Analog Devices HMC373LP3 Datasheet HTML 7Page - Analog Devices HMC373LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 60
HMC373LP3 / 373LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
v03.0610
General Description
Features
Functional Diagram
The HMC373LP3 / HMC373LP3E are versatile, high
dynamic range GaAs MMIC Low Noise Amplifiers
that integrates a low loss LNA bypass mode on the
IC. The amplifier is ideal for GSM & CDMA cellular
basestation front-end receivers operating between
700 and 1000 MHz and provides 0.9 dB noise figure,
14 dB of gain and +35 dBm IP3 from a single supply of
+5V @ 90 mA. Input and output return losses are 28
and 12 dB respectively with the LNA requiring minimal
external components to optimize the RF input match,
RF ground and DC bias. By presenting an open or
short circuit to a single control line, the LNA can be
switched into a low 2.0 dB loss bypass mode reducing
the current consumption to 10 μA. For applications
which require improved noise figure, please see the
HMC668LP3(E).
Noise Figure: 0.9 dB
Output IP3: +35 dBm
Gain: 14 dB
Low Loss LNA Bypass Path
Single Supply: +5V @ 90 mA
50 Ohm Matched Output
Electrical Specifications, T
A = +25° C, Vdd = +5V
Typical Applications
The HMC373LP3 / HMC373LP3E is ideal for
basestation receivers:
• GSM, GPRS & EDGE
• CDMA & W-CDMA
• Private Land Mobile Radio
Parameter
LNA Mode
LNA Mode
Bypass Mode
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
810 - 960
700 - 1000
700 - 1000
MHz
Gain
11.5
13.5
10.5
14
-2.8
-2.0
dB
Gain Variation Over Temperature
0.008
0.015
0.008
0.015
0.002
0.004
dB / °C
Noise Figure
0.9
1.3
1.0
1.4
dB
Input Return Loss
28
25
30
dB
Output Return Loss
12
11
25
dB
Reverse Isolation
20
19
dB
Power for 1dB Compression (P1dB)*
18
21
17
20
30
dBm
Saturated Output Power (Psat)
22.5
22
dBm
Third Order Intercept (IP3)*
(-20 dBm Input Power per tone, 1 MHz tone spacing)
35.5
35
50
dBm
Supply Current (Idd)
90
90
0.01
mA
* P1dB and IP3 for LNA Mode are referenced to RFOUT while P1dB and IP3 for Bypass Mode are referenced to RFIN.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC373LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
280Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3E HITTITE-HMC373LP3E Datasheet
280Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
More results

Similar Description - HMC373LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC491LP3 HITTITE-HMC491LP3 Datasheet
233Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com