Electronic Components Datasheet Search
  English  ▼

X  

ELANC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # ELANC
Description  Single and Dual Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

ELANC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  ELANC Datasheet HTML 1Page - Wall Industries,Inc. ELANC Datasheet HTML 2Page - Wall Industries,Inc. ELANC Datasheet HTML 3Page - Wall Industries,Inc. ELANC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. D
ELANC Series
Single and Dual Outputs
6 Watt DC/DC Power Converters
“Economy” Version of the LANC Series
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
03/13/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLES
SINGLE OUTPUT MODELS
Model
Input Voltage
Output Voltage
Output Current
Output Power
Efficiency
ELANC1233UW6
12 VDC
(9 – 36 VDC)
3.3 VDC
2 A
6.6W
78%
ELANC1205UW6
5 VDC
1.2 A
6W
80%
ELANC1212UW6
12 VDC
0.5 A
6W
82%
ELANC1215UW6
15 VDC
0.4 A
6W
82%
ELANC4833UW5
48 VDC
(18 – 75 VDC)
3.3 VDC
1.5 A
5W
76%
ELANC4805UW6
5 VDC
1.2 A
6W
80%
ELANC4812UW6
12 VDC
0.5 A
6W
82%
ELANC4815UW6
15 VDC
0.4 A
6W
83%
DUAL OUTPUT MODELS
Model
Input Voltage
Output Voltage
Output Current
Output Power
Efficiency
ELANC1205DUW6
12 VDC
(9 – 36 VDC)
±5 VDC
±0.6 A
6W
80%
ELANC1212DUW6
±12 VDC
±0.25 A
6W
82%
ELANC1215DUW6
±15 VDC
±0.2 A
6W
83%
ELANC4805DUW6
48 VDC
(18 – 75 VDC)
±5 VDC
±0.6 A
6W
81%
ELANC4812DUW6
±12 VDC
±0.25 A
6W
82%
ELANC4815DUW6
±15 VDC
±0.2 A
6W
82%
MECHANICAL DRAWING
PIN CONNECTIONS
Pin
Single
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
COM
11
No Connect
-Vo
14
+Vo
+Vo
16
-Vo
COM
22
+Vin
+Vin
23
+Vin
+Vin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com