Electronic Components Datasheet Search
  English  ▼

X  

LANE2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANE2
Description  2 Watts DC/DC Converter Single and Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANE2 Datasheet HTML 1Page - Wall Industries,Inc. LANE2 Datasheet HTML 2Page - Wall Industries,Inc. LANE2 Datasheet HTML 3Page - Wall Industries,Inc. LANE2 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev A
LANE2 SERIES
2 Watts
DC/DC Converter
Single and Dual Outputs
3/16/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
MODEL SELECTION TABLE
Dual Output Models
Model Number
Input Voltage Range
Output Voltage
Output Current
Efficiency
Ripple & Noise
Output Power
LANE505ND2
5VDC
(4.5~5.5VDC)
±5VDC
±200mA
70%
100mVp-p
2 Watts
LANE509ND2
±9VDC
±111mA
75%
LANE512ND2
±12VDC
±84mA
80%
LANE515ND2
±15VDC
±67mA
80%
LANE524ND2
±24VDC
±42mA
85%
LANE905ND2
9VDC
(8.1~9.9VDC)
±5VDC
±200mA
70%
100mVp-p
2 Watts
LANE909ND2
±9VDC
±111mA
75%
LANE912ND2
±12VDC
±84mA
80%
LANE915ND2
±15VDC
±67mA
80%
LANE924ND2
±24VDC
±42mA
85%
LANE1205ND2
12VDC
(10.8~13.2VDC)
±5VDC
±200mA
70%
100mVp-p
2 Watts
LANE1209ND2
±9VDC
±111mA
75%
LANE1212ND2
±12VDC
±84mA
80%
LANE1215ND2
±15VDC
±67mA
80%
LANE1224ND2
±24VDC
±42mA
85%
LANE1505ND2
15VDC
(13.5~16.5VDC)
±5VDC
±200mA
70%
100mVp-p
2 Watts
LANE1509ND2
±9VDC
±111mA
75%
LANE1512ND2
±12VDC
±84mA
80%
LANE1515ND2
±15VDC
±67mA
80%
LANE1524ND2
±24VDC
±42mA
85%
LANE2405ND2
24VDC
(21.6~26.4VDC)
±5VDC
±200mA
70%
100mVp-p
2 Watts
LANE2409ND2
±9VDC
±111mA
75%
LANE2412ND2
±12VDC
±84mA
80%
LANE2415ND2
±15VDC
±67mA
80%
LANE2424ND2
±24VDC
±42mA
85%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
See Table
Voltage Tolerance
Vo, Io Nom
±10
%
Input Filter
Capacitor
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Tolerance
100% Full Load
±5
%
Line Regulation
For 1.0% of Vin
1.2
%
Load Regulation
5V (10% to 100% FL)
15
%
9V, 12V, 15V, 24V (10% to 100% FL)
10
Output Power
See Table
Output Current
See Table
Ripple & Noise (20MHz bandwidth)
BW=DC to 20MHz
100
mVp-p
Transient Response Setting Time
50% Load Step Change
350
us
PROTECTION
Short Circuit Protection
Short Term
1
Sec
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+85
ºC
Humidity
Non-Condensing
95
%
Cooling
Free Air Convection
MTBF
@25ºC MIL-HDBK-217F
3,500,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full Load, Nominal Input
75
KHz
Isolation Resistance
500VDC
1000
M
Ω
PHYSICAL SPECIFICATIONS
Weight
0.095oz (2.7g)
Dimensions (L x W x H)
0.77in x 0.28in x 0.39in (19.50mm x 7.10mm x 10mm)
Case Material
DAP
SAFETY CHARACTERISTICS
Safety Approvals
UL 60950-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com