Electronic Components Datasheet Search
  English  ▼

X  

LANEW3H Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEW3H
Description  Low Ripple & Noise
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW3H Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEW3H Datasheet HTML 1Page - Wall Industries,Inc. LANEW3H Datasheet HTML 2Page - Wall Industries,Inc. LANEW3H Datasheet HTML 3Page - Wall Industries,Inc. LANEW3H Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW3 “H” Series
3KVDC I/O Isolation
3 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev. C
SPECIFICATIONS (CONTINUED)
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full load to minimum load
100KHz, min.
Isolation Voltage (input to output)
3000VDC, min
Isolation Resistance
10GΩ min.
Isolation Capacitance
30pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40°C ~ +71°C (without derating)
+71°C ~+100°C (with derating)
Storage Temperature
-55°C to +105°C
Relative Humidity
5% to 95% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Temperature Coefficient
±0.02% / °C max.
MTBF (see Note 1)
Bellcore TR-NWT-000332
MIL-HDBK-217F
4,386,000 Hours
2,401,000 Hours
PHYSICAL SPECIFICATIONS
Weight
4.8 grams (0.17oz)
Dimensions
0.86(L) x 0.36(W) x 0.44(H) inches
21.8(L) x 9.1(W) x 11.1(H) mm
Case Material
Non-conductive black plastic
Base Material
None
Potting Material
Silicon (UL94-V0)
SAFETY & EMC
Safety Standards and Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 6)
EN55022
Class A
ESD
EN61000-4-2
Air ± 8KV
Contact ± 6KV
Perf. Criteria A
Radiated Immunity
EN61000-4-3
10V/m
Perf. Criteria A
Fast Transient (See Note 7)
EN61000-4-4
± 2KV
Perf. Criteria A
Surge (See Note 7)
EN61000-4-5
± 1KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
10Vr.m.s.
Perf. Criteria A
DERATING CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com