Electronic Components Datasheet Search
  English  ▼

X  

LYG5AP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LYG5AP
Description  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYG5AP Datasheet(HTML) 1 Page - OSRAM GmbH

  LYG5AP Datasheet HTML 1Page - OSRAM GmbH LYG5AP Datasheet HTML 2Page - OSRAM GmbH LYG5AP Datasheet HTML 3Page - OSRAM GmbH LYG5AP Datasheet HTML 4Page - OSRAM GmbH LYG5AP Datasheet HTML 5Page - OSRAM GmbH LYG5AP Datasheet HTML 6Page - OSRAM GmbH LYG5AP Datasheet HTML 7Page - OSRAM GmbH LYG5AP Datasheet HTML 8Page - OSRAM GmbH LYG5AP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2011-05-04
1
2011-05-04
Advanced Power TOPLED
Datasheet
LY G5AP
Advanced Power TOPLED Plus packs outstanding
brightness into a mid-power package, making it the
perfect light source for thin applications that need
bright and homogeneous lighting.
Advanced Power TOPLED Plus verfügt über eine
hervorragende Helligkeit in einem Mid-Power
Gehäuse, weshalb Sie die perfekte Lichtquelle, für
helle und homogene Beleuchtung auf kleinstem
Raum ist.
Features:
Besondere Merkmale:
•
Package: white PLCC-4 package, colorless clear
silicone resin, clear silicone lens
•
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser, klarer Silikon Verguss, klare Silikonlinse
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 145°
•
Abstrahlwinkel bei 50 % I
V: 145°
•
Color: yellow (590 nm)
•
Farbe: gelb (590 nm)
•
Optical efficiency (typ.): 65 lm/W (yellow)
•
Optischer Wirkungsgrad (typ.): 65 lm/W
(gelb)
•
ESD-withstand voltage: 2 kV acc. to
JESD22-A114-D
•
ESD-Festigkeit: 2 kV nach JESD22-A114-D
Applications
Anwendungen
•
backlighting (LCD, switches, displays, illuminated
advertising, general lighting)
•
Hinterleuchtung (LCD, Schalter, Displays,
Werbebeleuchtung, Allgemeinbeleuchtung)
•
substitution of micro incandescent lamps
•
Ersatz von Kleinst-Glühlampen
•
decorative and entertainment lighting (incl. fiber
optic illumination)
•
dekorative Beleuchtung
•
signal and symbol luminaire for orientation
•
Signal- und Symbolleuchten zur Orientierung
•
marker lights (e.g. steps, exit ways, etc.)
•
Markierungsbeleuchtung (z.B. Stufen,
Fluchtwege, u.ä.)
•
indoor and outdoor commercial and residential
architectural lighting
•
Fassadenbeleuchtung im Innen- und
Außenbereich


Similar Part No. - LYG5AP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYG5AP-CXDX-36-1 OSRAM-LYG5AP-CXDX-36-1 Datasheet
910Kb / 21P
clear silicone lens
LYG5AP-CZDZ-36-1 OSRAM-LYG5AP-CZDZ-36-1 Datasheet
910Kb / 21P
clear silicone lens
More results

Similar Description - LYG5AP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBG6SP OSRAM-LBG6SP Datasheet
253Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LWG6SP OSRAM-LWG6SP Datasheet
257Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LRG6SP OSRAM-LRG6SP_17 Datasheet
679Kb / 21P
Advanced Power TOPLED
LSG6SP OSRAM-LSG6SP Datasheet
610Kb / 21P
Advanced Power TOPLED
LTG5AP OSRAM-LTG5AP Datasheet
519Kb / 19P
Advanced Power TOPLED Plus
LTG6SP OSRAM-LTG6SP_15 Datasheet
663Kb / 22P
Advanced Power TOPLED
LCYG6SP OSRAM-LCYG6SP Datasheet
640Kb / 22P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_16 Datasheet
471Kb / 21P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
Advanced Power TOPLED
LRG6SP OSRAM-LRG6SP_18 Datasheet
958Kb / 21P
Advanced Power TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com