Electronic Components Datasheet Search
  English  ▼

X  

LRVH9F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRVH9F
Description  Gaming, Amusement, Gambling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRVH9F Datasheet(HTML) 1 Page - OSRAM GmbH

  LRVH9F_18 Datasheet HTML 1Page - OSRAM GmbH LRVH9F_18 Datasheet HTML 2Page - OSRAM GmbH LRVH9F_18 Datasheet HTML 3Page - OSRAM GmbH LRVH9F_18 Datasheet HTML 4Page - OSRAM GmbH LRVH9F_18 Datasheet HTML 5Page - OSRAM GmbH LRVH9F_18 Datasheet HTML 6Page - OSRAM GmbH LRVH9F_18 Datasheet HTML 7Page - OSRAM GmbH LRVH9F_18 Datasheet HTML 8Page - OSRAM GmbH LRVH9F_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LR VH9F
1 Version 1.3 | 2018-03-27
Produktdatenblatt | Version 1.1
www.osram-os.com
LR VH9F
FIREFLY® 0402
The FIREFLY is designed for use in consumer
applications. Due to its low height and optical char-
acteristics it is optimized for flat indirect backlighting
of switches.
Applications
—
Gaming, Amusement, Gambling
—
Textile illumination
Features:
—
Package: SMT package, standard SMT footprint 0402, colorless diffused resin
—
Chip technology: Thinfilm
—
Typ. Radiation: 140° (horizontal), 165° (vertical)
—
Color: λ
dom = 625 nm (● red)
—
Optical efficacy: 38 lm/W
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LRVH9F_18

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
FIREFLY
More results

Similar Description - LRVH9F_18

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM6Q40 SHARP-LM6Q40 Datasheet
22Kb / 1P
Color STN-LCD Module(Amusement)
logo
Pixart Imaging Inc.
ADNS-9500 PIXART-ADNS-9500 Datasheet
1Mb / 40P
Laser Gaming Sensor
ADNS-9800 PIXART-ADNS-9800 Datasheet
2Mb / 40P
Laser Gaming Sensor
ADNS-9800 PIXART-ADNS-9800_17 Datasheet
1,020Kb / 9P
Laser Gaming Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
Optical Gaming Navigation Chip
SDNS-3988 PIXART-SDNS-3988 Datasheet
1Mb / 10P
High Performance Gaming Sensor
logo
A-Data Technology
EX500 A-DATA-EX500 Datasheet
381Kb / 2P
Ruggedized Gaming Style
logo
OSRAM GmbH
LTVH9G OSRAM-LTVH9G_18 Datasheet
1Mb / 22P
Gaming, Amusement, Gambling
logo
DFI Inc
GM831-CSF DFI-GM831-CSF Datasheet
1Mb / 5P
Gaming Embedded System
GM341-GHF DFI-GM341-GHF Datasheet
600Kb / 4P
Gaming Embedded System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com