Electronic Components Datasheet Search
  English  ▼

X  

GRDASPA2.23 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GRDASPA2.23
Description  Architectural lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GRDASPA2.23 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GRDASPA2.23 Datasheet HTML 4Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 5Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 6Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 7Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 8Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 9Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 10Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 11Page - OSRAM GmbH GRDASPA2.23 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2017-12-12
8
Version 1.1
GR DASPA2.23
IF = f (VF); TJ = 25 °C
ΦV/ΦV(100 mA) = f(IF); TJ = 25 °C
λdom = f(IF); TJ = 25 °C
GR DASPA2.23
1,9
2,45
2,0
2,1
2,2
2,3
2,4
VF
[V]
30
50
100
150
200
250
IF
[mA]
GR DASPA2.23
30 50
10
0
15
0
20
0
25
0
IF
[mA]
-2
-1
0
1
2
ΦV
ΦV
(100mA)
GR DASPA2.23
30 50
10
0
15
0
20
0
25
0
IF [mA]
-20
-15
-10
-5
0
5
10
∆λ dom [nm]
Forward Current 6) page 20 , 8) page 20
Durchlassstrom 6) Seite 20 , 8) Seite 20
Relative Luminous Flux 6) page 20 , 8) page 20
Relativer Lichtstrom 6) Seite 20 , 8) Seite 20
Dominant Wavelength 6) page 20
Dominante Wellenlänge 6) Seite 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com