Electronic Components Datasheet Search
  English  ▼

X  

1LFS Datasheet(PDF) 1 Page - Littelfuse

Part # 1LFS
Description  1LFS SERIES HIGH-SPEED FUSE BLOCKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1LFS Datasheet(HTML) 1 Page - Littelfuse

  1LFS Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
littelfuse.com
© 2015 Littelfuse POWR-GARD® Products
Rev: 040615
POWR-GARD® Blocks and Holders Datasheet
1 of 1
Specifications
Voltage Rating
600 V
Ampere Range
1 – 400 A
Approvals
UL Recognized E14721
Material
Base: 150˚ C general purpose phenolic
Terminal: Tin plated aluminum
Web Resources
Download CAD drawings and other technical information:
littelfuse.com/1lfs
Dimensions Inches (mm)
1LFS SERIES HIGH-SPEED FUSE BLOCKS
600V • 1-400 A
Description
Littelfuse modular style semiconductor fuse blocks
accommodate a wide range of semiconductor fuses.
Blocks are provided in pairs with fuse mounting hardware.
Features/Benefits
• Modular design reduces inventory requirements
• Sold in pairs for convenience
• Constructed of general purpose phenolic (with tin plated
aluminum terminations)
Ordering Information
CATALOG
NUMBER
AMPERE
RATING
WIRE RANGE
WIRE
RATING
APPROVALS
1LFS101
100 A
#2/0 - 14 CU/AL
120 in-lbs
UL Recognized
1LFS102
400 A
250MCM - #6 CU/AL
275 in-lbs
UL Recognized
1LFS101
1LFS102
FUSE SERIES
AMPERE RATINGS
L15S
70-100
L25S
35-100
L50S
35-100
L60S
35-100
KLC
1-100
1LFS101
FUSE SERIES
AMPERE RATINGS
L15S
70-400
L25S
70-200
L50S
125-200
L60S
125-200
1LFS102
Recommended Fuses


Similar Part No. - 1LFS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1LFS101 LITTELFUSE-1LFS101 Datasheet
271Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
Rev: 013019
1LFS102 LITTELFUSE-1LFS102 Datasheet
271Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
Rev: 013019
1LFS LITTELFUSE-1LFS_V01 Datasheet
271Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
Rev: 013019
More results

Similar Description - 1LFS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
Semiconductor Fuse Blocks
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
FUSE BLOCKS
03500418Z LITTELFUSE-03500418Z Datasheet
57Kb / 1P
FUSE BLOCKS
logo
Cooper Bussmann, Inc.
BG3011SQ COOPER-BG3011SQ Datasheet
258Kb / 3P
Open fuse blocks
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
Fuse Bases (Blocks)
170H3003 COOPER-170H3003 Datasheet
59Kb / 1P
Fuse Bases (Blocks)
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
Fuse blocks
logo
Littelfuse
LSCR102 LITTELFUSE-LSCR102 Datasheet
334Kb / 3P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
Rev: 100621
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
L50S SERIES HIGH-SPEED FUSE
Rev: 082615
1LFS LITTELFUSE-1LFS_V01 Datasheet
271Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
Rev: 013019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com