Electronic Components Datasheet Search
  English  ▼

X  

CS5462 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5462
Description  LOW COST POWER ENERGY IC WITH PULSE OUTPUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5462 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5462 Datasheet HTML 10Page - Cirrus Logic CS5462 Datasheet HTML 11Page - Cirrus Logic CS5462 Datasheet HTML 12Page - Cirrus Logic CS5462 Datasheet HTML 13Page - Cirrus Logic CS5462 Datasheet HTML 14Page - Cirrus Logic CS5462 Datasheet HTML 15Page - Cirrus Logic CS5462 Datasheet HTML 16Page - Cirrus Logic CS5462 Datasheet HTML 17Page - Cirrus Logic CS5462 Datasheet HTML 18Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
CS5462
15
means that E1 and E2 should have an average
pulse output frequency of 2 Hz * 72% = 1.44 Hz
and FOUT should have an average pulse output
frequency of 10 kHz * 72% = 7.2 kHz. Assuming
that FOUT is used for calibration (although the gain
error will be the same for E1 and E2), FOUT should
be measured to find the gain error. Suppose the
measured pulse output frequency is 6.96 6kHz in-
stead of 7. 2kHz. 6.99 6kHz is 96.76% of 7. 2kHz.
This means that the gain error is 96.76% -
100% = -3.24%. This error can be calibrated out by
connecting CAL1 to P2 and CAL0 to P2 (see Fig-
ure 7 for all connection options). This will adjust the
pulse rate frequency by 2.8% + 0.4% = 3.2%
(since the smallest calibration step size is 0.2%,
3.2% is the closest value that can offset the error
of -3.24). After these connections are made the av-
erage pulse output frequency of FOUT, E1, and E2
will have a gain error less than or equal to -0.04%
of full scale.
P3
+4.4%
+3.0%
+1.6%
+0.2%
-4.0%
-2.6%
-1.2%
+4.8%
P1
P2
P3
P4
P5
P6
P7
P1
P2
P4
P5
P6
P7
+4.6%
+3.4% +3.2%
+2.0% +1.8%
+0.0%
+0.6% +0.4%
+4.2% +4.0% +3.8%
+2.8% +2.6% +2.4%
+1.4% +1.2% +1.0%
+3.6%
+2.2%
+0.8%
CAL0 connected to:
CAL1
connected
to:
-4.8%
-4.6%
-4.4%
-3.4%
-3.2%
-3.0%
-2.0%
-1.8%
-1.6%
-0.6%
-0.4%
-0.2%
-4.2%
-3.8%
-2.8%
-2.4%
-1.4%
-1.0%
-3.6%
-2.2%
-0.8%
Figure 7. Power-on Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com