Electronic Components Datasheet Search
  English  ▼

X  

M54992 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M54992
Description  Bi-CMOS 24-BIT SERIAL-INPUT LATCHED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54992 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M54992 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54992 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54992 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54992 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54992 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M54992 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M54992 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Bi-CMOS 24-BIT SERIAL-INPUT LATCHED DRIVER
M54992P/FP
MITSUBISHI <CONTROL / DRIVER IC>
TIMING CHART
Limits
Min.
Typ.
Max.
Symbol
Test conditions
Unit
Parameter
SWITCHING CHARACTERISTICS (Ta=25
°C, VCC=5V, unless otherwise noted)
tPLH
tPHL
tPLH
tPHL
tPLH
tPHL
Low-to-high-level output propagation time
From input T to output S-OUT
High-to-low-level output propagation time
From input T to output S-OUT
Low-to-high-level output propagation time
From input T to output ON
High-to-low-level output propagation time
From input T to output ON
Low-to-high-level output propagation time
From input EN to output ON
High-to-low level output propagation time
From input EN to output ON
M54992FP
VIH=5V
VIL=0V
RL(S-OUT)=
∞
RL(ON)=100
Ω
(N=1–24)
CL=15pF
0.2
0.2
10
5
10
5
µs
µs
µs
µs
µs
µs
2.5V
2.5V
tsu
2.5V
2.5V
2.5V
2.5V
th
tw(T)
td(T-L)
tr(T)
tf(T)
10%
90%
90%
10%
tw(L)
S-IN
T
Serial input
Clock input
Latch input LATCH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com