Electronic Components Datasheet Search
  English  ▼

X  

CTS9513 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CTS9513
Description  5 Chan 16 bit 20MHz Counter/Timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTS9513 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CTS9513 Datasheet HTML 9Page - List of Unclassifed Manufacturers CTS9513 Datasheet HTML 10Page - List of Unclassifed Manufacturers CTS9513 Datasheet HTML 11Page - List of Unclassifed Manufacturers CTS9513 Datasheet HTML 12Page - List of Unclassifed Manufacturers CTS9513 Datasheet HTML 13Page - List of Unclassifed Manufacturers CTS9513 Datasheet HTML 14Page - List of Unclassifed Manufacturers CTS9513 Datasheet HTML 15Page - List of Unclassifed Manufacturers CTS9513 Datasheet HTML 16Page - List of Unclassifed Manufacturers CTS9513 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Celeritous Technical Services Corp
800.687.6510 / 806.793.0708
3308 34th St
FAX
806.793.0710
Lubbock, Texas 79410
http://www.celeritous.com
SPECIFICATIONS SUBJECT TO CHANGE WITHOUT NOTICE
Copyright 2000 Celeritous Technical Services Corp
13
Rev E
Tuesday, September 25,
CTS9513-2
5 Chan 16 bit 20MHz Counter/Timer
OPERATING MODE
M
N
O
P
Q
R
S
T
U
V
W
X
CM7 (SPECIAL GATE)
1
1
1
1
1
1
1
1
1
1
1
1
CM6 (RELOAD SOURCE)
0
0
0
0
0
0
1
1
1
1
1
1
CM5 (REPITITION)
0
0
0
1
1
1
0
0
0
1
1
1
CM13-15 (GATE CONTROL)
000
LVL
EDG
000
LVL
EDG
000
LVL
EGD
000
LVL
EDG
Count to TC Once
X
X
Count to TC Twice
X
Count to TC repeatedly
X
X
X
Gate Input Inactive
X
X
Count while gate active
X
X
Count once on gate edge
X
X
Count twice on gate edge
No Hardware retriggering
X
X
Reload from Load on TC
X
X
X
X
Alternate Load/Hold on TC
Gate Controlled Load/Hold
X
X
Gate Retrigger Counter
X
X
X
X
Table 12 - Counter Modes M-X
OPERATING MODE
A
B
C
D
E
F
G
H
I
J
K
L
CM7 (SPECIAL GATE)
0
0
0
0
0
0
0
0
0
0
0
0
CM6 (RELOAD SOURCE)
0
0
0
0
0
0
1
1
1
1
1
1
CM5 (REPITITION)
0
0
0
1
1
1
0
0
0
1
1
1
CM13-15 (GATE CONTROL)
000
LVL
EDG
000
LVL
EDG
000
LVL
EGD
000
LVL
EDG
Count to TC Once
X
X
X
Count to TC Twice
X
X
X
Count to TC repeatedly
X
X
X
X
X
X
Gate Input Inactive
x
x
x
x
Count while gate active
x
x
x
x
Count once on gate edge
x
x
Count twice on gate edge
x
x
No Hardware retriggering
x
x
x
x
x
x
x
x
x
x
x
x
Reload from Load on TC
x
x
x
x
x
x
Alternate Load/Hold on TC
x
x
x
x
x
x
Gate Controlled Load/Hold
Gate Retrigger Counter
Table 11 - Counter Modes A-L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com