Electronic Components Datasheet Search
  English  ▼

X  

CSM-8Q Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-8Q
Description  The CSM-8Q is a compact SMD Crystal with a 7.0 x 5.0 mm footprint
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-8Q Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-8Q Datasheet HTML 1Page - ECS, Inc. CSM-8Q Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-8Q
UNITS
MIN
TYP
MAX
Frequency
8.000
36.000
MHz
Mode of Oscillation
Fundamental
Frequency Tolerance*
@ +25°C
± 30
ppm
Frequency Stability*
-55 ~ +125°C
(DU Option)
± 100
ppm
Shunt Capacitance
Co
7
pF
Load Capacitance
Specify in P/N
10
20
Series
pF
Drive Level
DL
100
μW
Operating Temperature*
Topr
(DU Option)
-55
+125
°C
Storage Temperature
Tstg
-55
+125
°C
Aging (First Year)
@ +25°C ±3°C
±5
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
AVAILABLE OPTIONS
Tolerance
Stability
Temp Range
PACKAGING
Frequency (MHz)
ESR Ω Max.
8.000 ~ 15.999
60
16.000 ~ 36.000
40
Pad Connections
1
In/Out
2
Gnd
3
Out/In
4
Gnd
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The CSM-8Q is a compact SMD Crystal with a 7.0 x 5.0 mm
footprint. AEC-Q200 Qualified
CSM-8Q
SMD CRYSTAL
CSM-8Q SMD CRYSTAL
 Compact and Low Profile
 7.0 x 5.0 mm Footprint
 RoHS Compliant
 AEC-Q200 Qualified
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-200-20-20BQ-DU-TR
Figure 1) Top, Side, and Bottom
Crystal is symmetrical, pad 1 & 3 are interchangeable.
Chamfer on the bottom pad has no electrical
significance.
200 = 20.000 MHz
See P/N Guide
20 = 20 pF
S = Series
20BQ =
CSM-8Q
Blank = Std
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
TR =
Tape
& Reel
1K/Reel
Rev.2017
ECS
* Specify available options in P/N.
† Contact ECS for availability over extended temp range.
Blank= Std
D= ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm †
W = ±15 ppm †
K = ± 10 ppm †
Blank= Std
L = -10 ~ +70°C
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
U = -55 ~ +125°C
Figure 2) Suggested land
pattern
Request a Sample


Similar Part No. - CSM-8Q

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-8Q ECS-CSM-8Q Datasheet
618Kb / 2P
SMD QUARTZ CRYSTAL
More results

Similar Description - CSM-8Q

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-12R ECS-CSM-12R Datasheet
157Kb / 1P
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint. This cost effective package offers a height of 2.5 mm.
CSM-8M ECS-CSM-8M_17 Datasheet
549Kb / 2P
The CSM-8M is a miniature SMD Crystal with a 7.0 x 5.0 mm footprint
CSM-9 ECS-CSM-9_17 Datasheet
571Kb / 2P
The CSM-9 is a compact SMD Crystal
CSM-12 ECS-CSM-12_17 Datasheet
604Kb / 2P
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint
ECX-1247Q ECS-ECX-1247Q_17 Datasheet
605Kb / 2P
The ECX-1247Q is a very compact SMD Crystal with a 1.6 x 1.2 mm footprint
ECX-33Q ECS-ECX-33Q_18 Datasheet
578Kb / 2P
The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint
ECX-53 ECS-ECX-53_17 Datasheet
546Kb / 2P
The ECX-53 is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-2236Q ECS-ECX-2236Q_17 Datasheet
616Kb / 2P
The ECX-2236Q is a miniature SMD Crystal with a 2.5 x 2.0 mm footprint
ECX-53B ECS-ECX-53B_17 Datasheet
571Kb / 2P
The ECX-53B is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-1637Q ECS-ECX-1637Q_17 Datasheet
584Kb / 2P
The ECX-1637Q is a miniature SMD Crystal with a 2.0 x 1.6 mm footprint
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com