Electronic Components Datasheet Search
  English  ▼

X  

DA201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DA201
Description  FM STEREO TUNER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DA201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DA201 Datasheet HTML 1Page - List of Unclassifed Manufacturers DA201 Datasheet HTML 2Page - List of Unclassifed Manufacturers DA201 Datasheet HTML 3Page - List of Unclassifed Manufacturers DA201 Datasheet HTML 4Page - List of Unclassifed Manufacturers DA201 Datasheet HTML 5Page - List of Unclassifed Manufacturers DA201 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE
1 OF 5
1. Scope
This specification applied to FM STEREO tuner Module.
2. General specification
NO
1
2
3
4
5
6
7
3. Ealectrical specification
MIN
TYP
MAX
UNIT
90.0 ㎒
-
6
12
㏈㎶
98.0 ㎒
-
6
12
㏈㎶
106
.0 ㎒
-
6
12
㏈㎶
2
S/N Ratio
40㎑, DEV
55
60
-
㏈
3
Image rejection
87.5~108㎒
25
30
-
㏈
4
Stereo separation
Δ
f 75㎑, fmod = 1㎑
25
30
-
㏈
5
Audio output
Δ
f 22.5㎑, fmod = 1㎑
80
㎷
6
T.H.D
Δ
f 22.5㎑, fmod = 1㎑
0.5
1.5
%
DATE
DESIGN CHECK APPROVAL
SPECIFICATION
FM STEREO TUNER MODULE : DA-201/201(A)
ITEM
SPEC
NOTE
Freguency Range
87.5(76) - 108 ㎒
IF freguency
225 ㎑
RF input inpedance
40 Ω
Unbalance
Suppy Veltage
3V
Operating tamperture
- 10 -55℃
Humidity
85% MAX
Clock (X-TAL)
MAIN : 32.768㎑
SUB:13㎒, 6.5㎒
NO
ITEM
Test condition
SPEC
1
Sensitivity
(S/N 30㏈)
D & A CORPORATION
21 APL 2003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com