Electronic Components Datasheet Search
  English  ▼

X  

CSM-12 Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-12
Description  The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-12 Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-12 Datasheet HTML 1Page - ECS, Inc. CSM-12 Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-12
UNITS
MIN
TYP
MAX
Frequency
3.579
30.000
MHz
Mode of Oscillation
Fundamental
Frequency Tolerance
@ +25°C
± 30
ppm
Frequency Stability
-10 ~ +70°C
± 50
ppm
-40 ~ +85°C
±100
ppm
Shunt Capacitance
Co
7
pF
Load Capacitance
Specify in P/N
10
20
Series
pF
Drive Level
DL
100
μW
Operating Temperature*
Topr
-40
+85
°C
Storage Temperature
Tstg
-55
+125
°C
Aging (First Year)
@ +25°C ±3°C
±5
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
PACKAGING
Frequency (MHz)
ESR Ω Max.
3.579 ~ 3.999
200
4.000 ~ 5.999
150
6.000 ~ 9.999
100
10.000 ~ 13.999
80
14.000 ~ 24.999
50
25.000 ~ 30.000
40
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm
footprint. This cost effective package offers a height of 2.5 mm.
CSM-12
SMD CRYSTAL
CSM-12 SMD CRYSTAL
 Cost Effective
 Low Profile
 Industrial Temp. Range
 RoHS Compliant
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-200-20-18-TR
Figure 1) Top, Side, and Bottom
200 = 20.000 MHz
See P/N Guide
20 = 20 pF
S = Series
18 =
CSM-12
TR =
Tape
& Reel
1K/Reel
Rev.2017
ECS
* Specify available options in P/N.
Figure 2) Suggested land
pattern


Similar Part No. - CSM-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSM-12 ETC1-CSM-12 Datasheet
57Kb / 1P
SMD QUARTZ CRYSTAL
logo
ECS, Inc.
CSM-12 ECS-CSM-12 Datasheet
201Kb / 1P
SMD QUARTZ CRYSTAL
CSM-12R ECS-CSM-12R Datasheet
157Kb / 1P
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint. This cost effective package offers a height of 2.5 mm.
CSM-12 ECS-CSM-12_14 Datasheet
162Kb / 2P
SMD QUARTZ CRYSTAL
More results

Similar Description - CSM-12

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-12R ECS-CSM-12R Datasheet
157Kb / 1P
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint. This cost effective package offers a height of 2.5 mm.
ECS-100-18-18-TR ECS-ECS-100-18-18-TR Datasheet
157Kb / 1P
low profile SMD Crystal with a 11.8 x 5.5 mm footprint
CSM-8M ECS-CSM-8M_17 Datasheet
549Kb / 2P
The CSM-8M is a miniature SMD Crystal with a 7.0 x 5.0 mm footprint
CSM-8Q ECS-CSM-8Q_17 Datasheet
552Kb / 2P
The CSM-8Q is a compact SMD Crystal with a 7.0 x 5.0 mm footprint
CSM-9 ECS-CSM-9_17 Datasheet
571Kb / 2P
The CSM-9 is a compact SMD Crystal
CSM-7X-3L ECS-CSM-7X-3L_17 Datasheet
542Kb / 2P
The CSM-7X-3L is a low profile SMD Crystal with 3rd lead
ECX-33Q ECS-ECX-33Q_18 Datasheet
578Kb / 2P
The ECX-33Q is a miniature SMD Crystal with a 3.2 x 2.5 mm footprint
ECX-53 ECS-ECX-53_17 Datasheet
546Kb / 2P
The ECX-53 is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-53B ECS-ECX-53B_17 Datasheet
571Kb / 2P
The ECX-53B is a miniature SMD Crystal with a 3.2 x 5 mm footprint
ECX-1637Q ECS-ECX-1637Q_17 Datasheet
584Kb / 2P
The ECX-1637Q is a miniature SMD Crystal with a 2.0 x 1.6 mm footprint
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com