Electronic Components Datasheet Search
  English  ▼

X  

DPA424 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # DPA424
Description  Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA424 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button DPA424 Datasheet HTML 17Page - Power Integrations, Inc. DPA424 Datasheet HTML 18Page - Power Integrations, Inc. DPA424 Datasheet HTML 19Page - Power Integrations, Inc. DPA424 Datasheet HTML 20Page - Power Integrations, Inc. DPA424 Datasheet HTML 21Page - Power Integrations, Inc. DPA424 Datasheet HTML 22Page - Power Integrations, Inc. DPA424 Datasheet HTML 23Page - Power Integrations, Inc. DPA424 Datasheet HTML 24Page - Power Integrations, Inc. DPA424 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DPA423-426
21
K
1/04
ABSOLUTE MAXIMUM RATINGS(1, 4)
DRAIN Voltage ............................................ -0.3 to 220 V
DRAIN Peak Current: DPA423 ............................... 1.75 A
DPA424 ................................. 3.5 A
DPA425 .................................... 7 A
DPA426 ................................. 9.6 A
CONTROL Voltage .......................................... -0.3 to 9 V
CONTROL Current ............................................... 100 mA
LINE SENSE Pin Voltage ................................ -0.3 to 9 V
EXTERNAL CURRENT LIMIT Pin Voltage .. -0.3 to 9 V
FREQUENCY Pin Voltage ............................... -0.3 to 9 V
T
J = 25 °C
f
OSC
DC
MIN
DC
MAX
I
C(skip)
I
B
CONTROL FUNCTIONS
Conditions
(Unless Otherwise Specified)
See Figure 32
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
THERMAL IMPEDANCE
kHz
%
%
mA
mA
375
400
425
282
300
317
46
71
75
79
52
62
71
32
42
57
7.2
9.0
8.2
10.0
10.0
12.0
11.5
14.0
2
2.8
3.5
2.5
3.5
4.4
3.6
4.8
6.0
4.4
5.7
7.1
FREQUENCY Pin
Connected to SOURCE
FREQUENCY Pin
Connected to CONTROL
V
L = 0 V
I
L = 80 µA
I
L = 115 µA
Storage Temperature ..................................... -65 to 150
°C
Operating Junction Temperature (2) ............... -40 to 150
°C
Lead Temperature (3) ............................................... 260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16" from case for 5 seconds.
4. Maximum ratings specified may be applied, one at a time,
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
DPA423
DPA424
DPA425
DPA426
DPA423
DPA424
DPA425
DPA426
T
J = 25 °C; fOSC = 400 kHz
Switching
Frequency
Duty Cycle (Prior
to Cycle Skipping)
Maximum Duty
Cycle
Control Current at
Start of Cycle
Skipping
External Bias
Current
T
J = 25 °C; fOSC = 400 kHz
I
C = ICD1
Notes:
1. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
2. Soldered to 1 sq. in (645 mm2), 2 oz. (610 g/m2) copper clad.
3. Measured on pin 7 (SOURCE) close to plastic interface.
4. Soldered to 1 sq. inch (645 mm2), 2 oz. (610 g/m2) copper clad.
5. Soldered to 3 sq. inch (1935 mm2), 2 oz. (610 g/m2) copper clad.
6. Measured at the back surface of tab.
Thermal Impedance: P or G Package:
(
θ
JA) ...................... 70 °C/W
(1); 60 °C/W(2)
(
θ
JC)
(3) ......................................... 11 °C/W
R Package:
(
θ
JA) ......................................... 40 °C/W
(4)
............................................................................ 30
°C/W
(5)
(
θ
JC)
(6) ........................................... 2 °C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com