Electronic Components Datasheet Search
  English  ▼

X  

DPA423 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # DPA423
Description  Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA423 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button DPA423 Datasheet HTML 13Page - Power Integrations, Inc. DPA423 Datasheet HTML 14Page - Power Integrations, Inc. DPA423 Datasheet HTML 15Page - Power Integrations, Inc. DPA423 Datasheet HTML 16Page - Power Integrations, Inc. DPA423 Datasheet HTML 17Page - Power Integrations, Inc. DPA423 Datasheet HTML 18Page - Power Integrations, Inc. DPA423 Datasheet HTML 19Page - Power Integrations, Inc. DPA423 Datasheet HTML 20Page - Power Integrations, Inc. DPA423 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
DPA423-426
17
K
1/04
Table 4. Output Power Table for 24 VDC Minimum Input Voltage
(See Table 3 for Notes).
PRODUCT3
OUTPUT POWER TABLE
5 W
7 W
-
-
-
7.5 W
7 W 10 W 15 W
-
-
15.5 W
10 W 14 W 22 W 27 W
31 W
12 W 16.5 W 25 W 31 W 37 W
43 W
DPA423
DPA424
DPA425
DPA426
16-32 VDC RANGE (FORWARD)2
Total Device
Dissipation 0.5 W 1 W
2.5 W 4 W
6 W
Max
Power
Output1
PRODUCT3
OUTPUT POWER TABLE
8 W 11 W
-
-
-
11.5 W
11 W 16 W 23.5 W
-
-
25 W
16 W 22 W 35 W 43 W
47 W
18 W 25 W 39 W 48 W 58 W 65 W
DPA423
DPA424
DPA425
DPA426
24-48 VDC RANGE (FORWARD)2
Total Device
Dissipation 0.5 W 1 W
2.5 W
4 W
6 W
Max
Power
Output1
Table 3. Output Power Table for 16 VDC Minimum Input Voltage.
Notes: 1. Maximum output power is limited by device internal
current limit. 2. See text in this section for a complete description of
assumptions. 3. See Part Ordering Information.
resistors R8 and R9 and is fed to the low voltage 1.24 V
reference U3. Feedback compensation is provided by R6, R7
and C11 together with C4 and R4. Capacitor C10 provides a
soft-finish characteristic, preventing output overshoot during
start-up.
Key Application Considerations
DPA-Switch Design Considerations
Power Table
This section provides a description of the assumptions used to
generate the power tables (Tables 1 and 3 through 6) and
explains how to use the information provided by them.
All Power tables: Tables 1 and 3 through 6
•Maximum output power is limited by the device internal
current limit. This is the peak output power which could
become the continuous output power, provided adequate
heat sinking is used.
• Data assumes adequate heat sinking to keep the junction
temperature at or below 100
°C and worst case R
DS(ON) at
T
J = 100 °C.
• The use of P and G packages are recommended for device
dissipation equal to or less than 1.5 W only due to package
thermal limitation. For device dissipation above 1.5 W, use
R package.
Forward power tables: Tables 1 (upper half), 3 and 4
• Output power figures are based on forward topology using
Schottky diode rectification. Up to 5% higher output power
is possible using synchronous rectification.
• Dissipation data assumes a diode loss representing 6% of the
total output power and combined loss in magnetic components
representing 6% of the total output power. DPA-Switch
losses are based on a ratio between conduction and switching
losses of approximately 3:1. These assumptions are typical
for a single 5 V output forward converter design using
Schottky rectification and adequately designed magnetic
components.
Flyback power tables: Tables 1 (lower half), 5 and 6
• Output power and dissipation figures are based on a 5 V
output using Schottky diode rectification with an efficiency
of 85%. Values are generated by calculation based on
I2 • R
DS(ON) losses and characterization of switching losses,
correlated to bench measurement of each DPA-Switch device.
• Device dissipations above 1.5 W are possible using the
R package. However the forward converter topology is
recommended for such higher power designs.
The power tables provide two types of information. The first is
the expected device dissipation for a given output power. The
second is the maximum power output. Each table specifies the
input voltage range and assumes a single 5 V output using
Schottky diode rectification.
Table 5. Flyback Output Power Table for 16 VDC Minimum Input
Voltage (See Table 3 for Notes).
PRODUCT3
OUTPUT POWER TABLE
5 W
-
-
-
6 W
6.5 W
8.5 W 10 W
-
11 W
7 W
10 W
12 W
15 W
22 W
DPA423
DPA424
DPA425
16-32 VDC RANGE (FLYBACK)2
Total Device
Dissipation
0.5 W
0.75 W
1 W
1.5 W
Max
Power
Output1
For example, referring to Table 1, for 36-75 VDC input range,
DPA424 would typically dissipate 1 W in a 23 W forward
converter and has a maximum power capacity of 35 W. In the
same converter, DPA425 would dissipate 0.5 W. Selecting
DPA425 with associated reduced dissipation would increase
overall converter efficiency by approximately 2%.
Issues Affecting Dissipation:
1) Using synchronous rectification will tend to reduce device
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com