Electronic Components Datasheet Search
  English  ▼

X  

FPS Datasheet(PDF) 2 Page - Littelfuse

Part # FPS
Description  The FPS Feeder Protection System monitors voltage and current to provide a comprehensive package of 17 protective functions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FPS Datasheet(HTML) 2 Page - Littelfuse

  FPS Datasheet HTML 1Page - Littelfuse FPS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Protection Relays & Controls
© 2013 Littelfuse Protection Relays & Controls
Littelfuse.com/fps
Feeder Protection–Advanced
PHASE
VOLTAGES
FPS-CTU
CONTROL UNIT
RELAY
OUTPUTS
I/0 MODULE
DIGITAL
INPUTS
4-20 mA
ANALOG
INPUT
+
ANALOG
OUTPUT
4-20 mA
+
39
40
53
52
43
51
......
5
16
......
1
2
60
56
20
17
......
33
22
CONTROL
POWER
RS-485
35
37
......
30 29
27
26
23
22
PHASE CURRENT
TRANFORMERS
GROUND-FAULT
CURRENT
TRANSFORMER
OPERATOR INTERFACE
FPS-OPI
(recommended)
(required)
(recommended)
RTD MODULE
MPS-RTD
(optional)
Wiring Diagram
A
B
C
1
2
Specifications
Protective Functions
(IEEE Device Numbers)
Input Voltage
65-265 Vac, 25 VA; 80-275 Vdc, 25 W
Power-Up Time
800 ms at 120 Vac
Ride-Through Time
100 ms minimum
24-Vdc Source
100 mA maximum
AC Measurements
True RMS and DFT, Peak, 16 samples/cycle, and
positive and negative sequence of fundamental
Frequency
50 or 60 Hz
Inputs
Phase current, Earth-leakage current, Phase voltage,
7 digital, 1 analog
Output Contacts
5 contacts — See Product Manual
Approvals
CSA certified, C-Tick (Australian)
Communications
Allen-Bradley® DFI and Modbus® RTU (Standard);
DeviceNet™, Profibus®, Ethernet (Optional)
Conformal Coating
Standard feature
Warranty
10 years
Mounting:
Control Unit
Surface
Operator Interface
Panel, Control-Unit mounted
Overload (49, 51)
Phase reverse (current) (46)
Overfrequency (81)
Overcurrent (50, 51)
Underfrequency (81)
Ground fault (50G/N, 51G/N)
Unbalance (voltage) (47)
RTD temperature (38, 49)
Unbalance (current) (46)
Phase loss (voltage) (47)
Overvoltage (59)
Phase loss (current) (46)
Undervoltage (27)
Phase reverse (voltage) (47)
Power factor (55)
Features & Benefits
FEAtuRES
IEEE #
bEnEFItS
Overload
49, 51
Long-time overcurrent provides thermal protection for feeder or load
Inverse-time overcurrent
50, 51
Coordination using IEEE and IEC Curves
Definite-time overcurrent
50, 51
Instantaneous overcurrent to detect catastrophic failure
Current unbalance/
Phase loss/Phase reverse
46
Detects an open or high-impedance phase
Ground fault
50G/N, 51G/N
Inverse and definite time. Early insulation-failure detection.
RTD temperature
38, 49
Optional protection (MPS-RTD module) for load-temperature monitoring
Overvoltage
59
Limits stress to insulation
Undervoltage
27
Detects a damaging brown-out condition
Voltage unbalance
47
Detects unhealthy supply voltage
Two setting groups
Minimizes Arc-Flash hazards during maintenance
Breaker control
Allows local and remote operation; reduces component count
Metering
Displays the measured and calculated parameters
Data logging
On-board 64-event recorder helps with system diagnosis
Communications
Remotely view measured values, event records, & reset trips
Conformal coating
Internal circuits are conformally coated to protect against corrosion and moisture
FPS SERIES
Feeder Protection System
Rev: 4-A-050213
Based on Manual Rev 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com