Electronic Components Datasheet Search
  English  ▼

X  

ES1921 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ES1921
Description  AC 97 Rev 2.1 Audio CODEC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES1921 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ES1921 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES1921 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES1921 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES1921 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESS Technology, Inc.
SAM0353-042100
1
ES1921
AC ‘97 Rev 2.1 Audio CODEC
Data Sheet
DESCRIPTION
The ES1921 audio codec is a combination codec and
audio mixer device that is fully compliant with Rev. 2.1 of
Intel’s Audio Codec’ 97 (AC’97) Component Specification.
When used with the ESS Maestro™ family of PCI-based
digital audio accelerators, the ES1921 helps complete a
superior high-performance PCI audio subsystem solution
for both desktop and notebook computers.
The ES1921 audio codec supports full-duplex stereo
operation for simultaneous record and playback. Voice,
sound, and music are regularly sampled for record and
playback at 48 kHz. The playback mixer has four stereo
inputs and two mono inputs. The record multiplexer has
five stereo inputs and three mono inputs, while the mixer
includes three outputs. Line Out can be used for stereo
output to multimedia speakers while Mono Out can be
used to output to a telephony subsystem or down-line
phone.
The major functions of the ES1921 include stereo 18-bit
ADC and DAC audio signal conversion while also
providing the interface and control logic to transfer audio
data between its serial I/O terminals and the digital audio
accelerator. The ES1921 uses its six line-level inputs, its
three outputs and the TDM-based serial AC-Link to
transfer data between itself and a digital audio accelerator,
such as the ESS Maestro™ family of PCI-based digital
audio accelerators.
The ES1921 may be used as a primary or secondary
CODEC in multiple codec configurations conforming to the
AC'97 Rev. 2.1 specification. The ES1921’s conformance
to AC’97 in multiple codec configurations allows it to be
used both in 2- and 4-speaker audio-only solutions and in
audio-modem solutions for motherboards, add-on cards,
or PCMCIA cards. The ES1921 is available in an industry-
standard 48-pin Thin Quad Flat Pack (TQFP).
FEATURES
• Meets or exceeds Audio CODEC ’97 Rev. 2.1
performance specifications
• Supports dual-codec architecture for configuration with
one ES1921 in notebook and one in docking station
• Supports AC-Link digital serial interface
• 4 stereo inputs for line-in, CD, video, and auxiliary line-in
• 2 selectable mono inputs for microphone sharing a single
mixer input and 1 mono input for phone
• PC speaker input
• 2 stereo outputs for line-out such as multimedia speakers
and DVD Pure Audio
• Usable in desktop, motherboard, notebook and sound
card applications, 3D audio applications and in audio-
modem applications
Record and Playback Features
• Full-duplex stereo operation for simultaneous record and
playback
• 18-bit stereo ADC and DAC; 3rd 18-bit ADC for mic input
• 48 kHz playback and record sample rate
Power
• Advanced Configuration and Power Interface (ACPI)
support using an external amplifier power down control
• 3.3 V or 5.0 V digital and 5.0 V analog power supply
(AVDD >= DVDD)
Compatibility
• Meets Microsoft PC99 specifications for Baseline and
Advanced Audio with FAQ updates and with Rev. 2.1 of
Intel’s Audio CODEC ’97 specification
BLOCK DIAGRAM
AC-Link
Interface and
SYNC
BIT_CLK
RESET#
SDATA_OUT
SDATA_IN
DAC
DAC
ADC
ADC
Mixer
PC Beep
Phone
Line
CD
Video
Aux
Mic1
Mic2
Mux
Analog Mixing
and
Volume Control
Mono Out
Line Out
ES1921
L
R
L
R
True Line Out
+20 dB
Register Set


Similar Part No. - ES1921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1908A ETC-ES1908A Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
PCI AudioDrive Solution Product Brief
ES1946 ETC-ES1946 Datasheet
86Kb / 4P
PCI AudioDrive Notebook Solution Product Brief
ES1946S ETC-ES1946S Datasheet
86Kb / 4P
PCI AudioDrive Notebook Solution Product Brief
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
PCI Audio-Modem Accelerator Product Brief
More results

Similar Description - ES1921

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
AC 97 Revision 2.1 Audio CODEC with SPDIF Output
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
AC 97 Audio CODEC
logo
Texas Instruments
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4546 TI1-LM4546 Datasheet
451Kb / 22P
AC 97 Rev 2 Codec
LM4546A TI1-LM4546A Datasheet
660Kb / 32P
AC 97 Rev 2 Multi-Channel Audio Codec
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
AC 97 Rev 2 Multi-Channel Audio Codec
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
AC 97 Rev 2.1 Multi-Channel Audio Codec
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com