Electronic Components Datasheet Search
  English  ▼

X  

IRDC3073EVAL Datasheet(PDF) 7 Page - International Rectifier

Part # IRDC3073EVAL
Description  The IRU3073 controller IC is designed to provide a low cost synchronous Buck regulator for on-board DC to DC converter for multiple output applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3073EVAL Datasheet(HTML) 7 Page - International Rectifier

  IRDC3073EVAL Datasheet HTML 1Page - International Rectifier IRDC3073EVAL Datasheet HTML 2Page - International Rectifier IRDC3073EVAL Datasheet HTML 3Page - International Rectifier IRDC3073EVAL Datasheet HTML 4Page - International Rectifier IRDC3073EVAL Datasheet HTML 5Page - International Rectifier IRDC3073EVAL Datasheet HTML 6Page - International Rectifier IRDC3073EVAL Datasheet HTML 7Page - International Rectifier IRDC3073EVAL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRDC3073EVAL
7
Rev. 1.0
06/30/03
www.irf.com
TYPICAL OPERATING CHARACTERISTICS
Figure 1 - Normal condition at no load.
Ch1: HDrv
Ch2: LDrv
Ch4: Inductor Current
Figure 2 - Gate signals when SS pin pulls low.
Ch1: HDrv
Ch2: LDrv
Figure 3 - Gate signals when SS pin pulls low.
Ch1: HDrv
Ch2: LDrv
Figure 4 - Soft-Start.
Ch1: VIN (5V)
Ch2: Bias Voltage (12V)
Ch3: VOUT
Ch4: IOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com