Electronic Components Datasheet Search
  English  ▼

X  

MRW10 Datasheet(PDF) 8 Page - Wall Industries,Inc.

Part # MRW10
Description  10 Watts DC/DC Converter Single and Dual Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MRW10 Datasheet(HTML) 8 Page - Wall Industries,Inc.

Back Button MRW10 Datasheet HTML 2Page - Wall Industries,Inc. MRW10 Datasheet HTML 3Page - Wall Industries,Inc. MRW10 Datasheet HTML 4Page - Wall Industries,Inc. MRW10 Datasheet HTML 5Page - Wall Industries,Inc. MRW10 Datasheet HTML 6Page - Wall Industries,Inc. MRW10 Datasheet HTML 7Page - Wall Industries,Inc. MRW10 Datasheet HTML 8Page - Wall Industries,Inc. MRW10 Datasheet HTML 9Page - Wall Industries,Inc. MRW10 Datasheet HTML 10Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev B
MRW10 SERIES
10 Watts
DC/DC Converter
Single and Dual Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 8 of 10
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown below.
MRW10-XXS05 Trim Table
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
137.88
61.93
36.61
23.95
16.35
11.29
7.67
4.96
2.85
1.16
KOhms
Trim Up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
108.09
48.39
28.49
18.54
12.56
8.58
5.74
3.61
1.95
0.62
KOhms
MRW10-XXS12 Trim Table
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
419.81
187.68
110.30
71.61
48.40
32.93
21.87
13.58
7.13
1.98
KOhms
Trim Up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
344.74
154.37
90.92
59.19
40.15
27.46
18.39
11.59
6.31
2.07
KOhms
MRW10-XXS15
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
602.92
269.91
158.91
103.41
70.10
47.90
32.05
20.15
10.90
3.50
KOhms
Trim Up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
482.88
215.89
126.89
82.40
55.70
37.90
25.18
15.65
8.23
2.30
KOhms
MRW10-XXS24
Trim Down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
598.97
267.93
157.59
102.42
69.31
47.25
31.48
19.66
10.46
3.11
KOhms
Trim Up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
486.83
217.87
128.21
83.38
56.49
38.56
25.75
16.14
8.67
2.69
KOhms
TEST SETUP
Peak-to-Peak Output Noise Measurement Test
Use a 1µF ceramic capacitor and a 10µF tantalum capacitor. Scope measurement should be made by using a BNC socket,
measurement bandwidth is 0-20MHz. Position the load between 50mm and 75mm from the DC/DC converter.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com