Electronic Components Datasheet Search
  English  ▼

X  

HTC555SC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HTC555SC
Description  GENERAL PURPOSE CLOCK GENERATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HTC555SC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HTC555SC Datasheet HTML 1Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 2Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 3Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 4Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 5Page - List of Unclassifed Manufacturers HTC555SC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HIGH TECH
CHIPS, INC.
01/04/00
5
8-Lead Plastic Small Outline (SM) – Medium, 208 mil (SOIC)
Units
INCHES*
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
8
8
Pitch
P
.050
1.27
Overall Height
A
.070
.075
.080
1.78
1.97
2.03
Molded Package Thickness
A2
.069
.074
.078
1.75
1.88
1.98
Standoff
A1
.002
.005
.010
0.05
0.13
0.25
Overall Width
E
.300
.313
.325
7.62
7.95
8.26
Molded Package Width
E1
.201
.208
.212
5.11
5.28
5.38
Overall Length
D
.202
.205
.210
5.13
5.21
5.33
Foot Length
L
.020
.025
.030
0.51
0.64
0.76
Foot Angle
φ
0
4
804
8
Lead Thickness
c
.008
.009
.010
0.20
0.23
0.25
Lead Width
B
.014
.017
.020
0.36
0.43
0.51
Mold Draft Angle Top
α
0
12
15
0
12
15
Mold Draft Angle Bottom
β
0
12
15
0
12
15
*Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash protrusions. Mold flash or
protrusions shell not exceed .010” (0.254mm)per side.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com