Electronic Components Datasheet Search
  English  ▼

X  

6TPB470M Datasheet(PDF) 3 Page - International Rectifier

Part # 6TPB470M
Description  IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TPB470M Datasheet(HTML) 3 Page - International Rectifier

  6TPB470M Datasheet HTML 1Page - International Rectifier 6TPB470M Datasheet HTML 2Page - International Rectifier 6TPB470M Datasheet HTML 3Page - International Rectifier 6TPB470M Datasheet HTML 4Page - International Rectifier 6TPB470M Datasheet HTML 5Page - International Rectifier 6TPB470M Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.irf.com
3
IRDCiP1202-A
VIN = 12V, VOUT1 = 1.5V, VOUT2 = 2.5V
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
92%
12
3
4
5
6
7
89
10
11
12
Output Current(A)
200kHZ
300kHZ
400kHZ
Fig. 3 - Typical Efficiency vs. Current
Refer to the following application notes for detailed guidelines and suggestions when implementing
iPOWIR Technology products:
AN-1028: Recommended Design, Integration and Rework Guidelines for International Rectifier’s
iPOWIR Technology BGA Packages
This paper discusses the assembly considerations that need to be taken when mounting iPOWIR BGA’s
on printed circuit boards. This includes soldering, pick and place, reflow, inspection, cleaning and
reworking recommendations.
AN-1029: Optimizing a PCB Layout for an iPOWIR Technology Design
This paper describes how to optimize the PCB layout design for both thermal and electrical performance.
This includes placement, routing, and via interconnect suggestions.
AN-1030: Applying iPOWIR Products in Your Thermal Environment
This paper explains how to use the Power Loss and SOA curves in the data sheet to validate if the
operating conditions and thermal environment are within the Safe Operating Area of the iPOWIR product.
AN-1047: Graphical solution to two branch heatsinking Safe Operating Area
This paper is a suppliment to AN-1030 and explains how to use the double side Power Loss and SOA
curves in the data sheet to validate if the operating conditions and thermal environment are within the Safe
Operating Area of the iPOWIR product.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com