Electronic Components Datasheet Search
  English  ▼

X  

HV421 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV421
Description  High Voltage 1 REN Ring Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV421 Datasheet(HTML) 2 Page - Supertex, Inc

  HV421 Datasheet HTML 1Page - Supertex, Inc HV421 Datasheet HTML 2Page - Supertex, Inc HV421 Datasheet HTML 3Page - Supertex, Inc HV421 Datasheet HTML 4Page - Supertex, Inc HV421 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
11-2
Symbol
Parameter
Min
Typ
Max
Units
Conditions
RDS(ON)
On-resistance of switching transistor
3.5
5
Ω
I=100mA
I
DDQ
Quiescent V
DD supply current
50
nA
R
SW=Low
IDD
Input current going into the VDD pin
300
µAVIN=5.0V. See Figure 1.
IIN
Input current including inductor current
170
220
mA
VIN=5.0V. See Figure 1.
V
PP
Output voltage on V
PP
65
68
V
V
IN=5.0V. See Figure 1.
FRING
Ring frequency
20
25
30
Hz
VIN=5.0V. See Figure 1.
DRING
Ringing frequency duty cycle
50
%
fsw
Switching transistor frequency
35
KHz
V
IN=5.0V. See Figure 1.
Dsw
Switching transistor duty cycle
88
%
Electrical Characteristics
DC Characteristics (V
DD=5.0V, RRING=30MΩ, RSW=1.3MΩ, LX=330µH, TA=25°C)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
DD
Supply voltage
4.75
9.5
V
TA
Operating temperature
0
85
°C
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Conditions
EN-L
Logic input low voltage
0
0.5
V
EN-H
Logic input high voltage
VDD-0.5
VDD
V
Enable/Disable Table
HV421
– OBSOLETE
–



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com