Electronic Components Datasheet Search
  English  ▼

X  

HSMS-285P Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMS-285P
Description  Surface Mount Zero Bias Schottky Detector Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-285P Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMS-285P Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Typical Parameters, Single Diode
Figure 1. Typical Forward Current
vs. Forward Voltage.
Figure 2. +25
°C Output Voltage vs.
Input Power at Zero Bias.
Figure 3. +25
°C Expanded Output
Voltage vs. Input Power. See Figure 2.
Figure 4. Output Voltage vs.
Temperature.
0
0.01
VF – FORWARD VOLTAGE (V)
0.8 1.0
100
1
0.1
0.2
1.8
10
1.4
0.4 0.6
1.2
1.6
-50
0.1
POWER IN (dBm)
-30
-20
10000
10
1
-40
0
100
-10
1000
RL = 100 KΩ
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.
915 MHz
-50
0.3
POWER IN (dBm)
-30
10
1
-40
30
RL = 100 KΩ
915 MHz
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.
0
0.9
TEMPERATURE (
°C)
40 50
3.1
2.1
1.5
10
100
2.5
80
20 30
70
90
60
1.1
1.3
1.7
1.9
2.3
2.7
2.9
MEASUREMENTS MADE USING A
FR4 MICROSTRIP CIRCUIT.
FREQUENCY = 2.45 GHz
PIN = -40 dBm
RL = 100 KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com