Electronic Components Datasheet Search
  English  ▼

X  

IRMDAC4 Datasheet(PDF) 2 Page - International Rectifier

Part # IRMDAC4
Description  IR2137Q monolithic 3-phase HVIC driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMDAC4 Datasheet(HTML) 2 Page - International Rectifier

  IRMDAC4 Datasheet HTML 1Page - International Rectifier IRMDAC4 Datasheet HTML 2Page - International Rectifier IRMDAC4 Datasheet HTML 3Page - International Rectifier IRMDAC4 Datasheet HTML 4Page - International Rectifier IRMDAC4 Datasheet HTML 5Page - International Rectifier IRMDAC4 Datasheet HTML 6Page - International Rectifier IRMDAC4 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.irf.com
IRMDAC4
System Description
The IRMDAC4 is the AC motor reference design kit for
the IR2137Q 3-phase gate driver IC and the IR2171
current Sensing IC. It is the power conversion unit for
a 3-phase/230V 3HP (2.2kW) AC PWM (Pulse Width
Modulated) drives. This design kit consists of the
IR2137/IR2171 power board based on 4-layer PCB.
The ECONOPIM2 power module and the heat sink are
supplied separately. User must provide soldering con-
nection between the power board and the power mod-
ule, and the appropriate heat sink to complete the power
conversion function.
Figure 1 shows the complete assembly of the
IRMDAC4 Reference Design Kit. Figure 2 illustrates
the typical connection block diagram of the IRMDAC4.
The IR2137/IR2171 power board contains an IR2137Q
gate driver High Voltage IC, DC link capacitors, soft
start function using NTC thermistor, AC input MOVs
for surge suppression, switching power supply, brake
IGBT buffering circuit, over-current/ground fault/over-
temperature protection circuit, DC bus voltage and
current feedback signals. On-board 16-pin single row
header connector (J9) is provided to interface the con-
trol signals, and two terminal blocks are provided to
facilitate connection to 3-phase AC input (J7) and out-
put (J6).
The power module contains a 3-phase input bridge
rectifier, 3-phase IGBT inverter; brake IGBT/diode, and
the temperature thermistor on the substrate base. It is
designed for easy mounting to a heat sink.
Output power is PWM 3-phase, variable frequency and
voltage controlled by a user provided 5V PWM signal
input. The limited amount of the power is available for
two 5VDC (one ground isolated and one non-isolated),
and 15VDC non-isolated to facilitate the PWM inter-
face. The non-isolated powers are referenced to the
negative DC bus that the IR2137Q gate driver IC is
also referenced to.
The IRMDAC4 offers several benefits to the users listed
below:
•
It gives a complete working reference of the 3HP
AC drive power conversion based on the state-of-
art 3-phase gate driver and IGBT power module.
User can gain immediate hands-on experience
based on the system. The design detail can be
further utilized in the area of: PCB layout, gate drive
optimization, protection circuit, and on-board
switching power supply.
•
Gate drive and protection circuits are designed to
closely match the operating characteristics of the
power semiconductors. This allows power losses
to be minimized and power rating to be maximized
to a greater extent than is possible by designing
with individual components.
•
It reduces the effort of calculating and evaluating
power semiconductor losses and junction tempera-
ture.
IR2137 Driver Board
The IR2137/IR2171 power board also contains the
feedback signal circuit, brake driver, soft start circuit,
and the local switching power supply. The driver also
interfaces to the AC input line. It houses the DC link
capacitors, current sensing shunt resistor, NTC in-rush
limiting thermistor, and surge suppression MOVs.
The inverter gate drive circuits, implemented with an
IR2137Q monolithic 3-phase HVIC driver, delivers gate
drive to the IGBTs corresponding to PWM control sig-
nals HIN1 through HIN3, and LIN1 through LIN3 into
J9 connector. It introduces a 0.2
µsec deadtime be-
tween upper and lower gate signals for each phase.
Any additional deadtime necessary to expand must be
included in the PWM signals. Gate drives must be
enabled with an active low pulse applied to the RESET
pin into J9 pin 14 while PWM inputs HIN1 through HIN3,
and LIN1 through LIN3 are held high (off condition).
After power up, the RESET pin must be pulled low
before any input signals are activated.
The protection circuitry of the system is incorporated
by two means: One is by the function of the high side
de-saturation protection input (DESAT) in the IR2137Q
IC, and the other is by the comparator circuit and cur-
rent sensing shunt resistor (R44) for the low side gate
driver that enables the ITRIP input of the IR2137Q
device. The internal fault logic of the IR2137Q will
enable the FAULT output in an event of a short circuit,
earth/ground fault, over-temperature, or over-voltage/
over-current conditions with Soft Shutdown, as speci-
fied. Over-current signals are sensed through shunt
resistors located in the negative DC bus rail. Earth/
ground faults are sensed using the high side shunt re-
sistor and the signal is level shifted through the opto-
isolator to the protection circuitry. Over-temperature
protection is obtained using a thermistor inside the



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com