Electronic Components Datasheet Search
  English  ▼

X  

NESW157AT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NESW157AT
Description  ?썼돯LED 與숁틬餓뺞쭣?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NESW157AT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NESW157AT Datasheet HTML 3Page - NICHIA CORPORATION NESW157AT Datasheet HTML 4Page - NICHIA CORPORATION NESW157AT Datasheet HTML 5Page - NICHIA CORPORATION NESW157AT Datasheet HTML 6Page - NICHIA CORPORATION NESW157AT Datasheet HTML 7Page - NICHIA CORPORATION NESW157AT Datasheet HTML 8Page - NICHIA CORPORATION NESW157AT Datasheet HTML 9Page - NICHIA CORPORATION NESW157AT Datasheet HTML 10Page - NICHIA CORPORATION NESW157AT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NICHIA STS-DA1-1212D <Cat.No.110518>
6
テーピング仕様
STS-DA7-0071B
Quantity per reel=5000pcs
数量は
1リールにつき 5000
。
個入りです
*
Nxxx157x
トレーラ部
/リーダ部 Trailer and Leader
Top Cover Tape
引き出し方向
LED装着部
リーダ部最小
400mm
トレーラ部最小
160mm()
空部
Trailer 160mm MIN(Empty Pockets)
Loaded Pockets
エンボスキャリアテープ
Embossed Carrier Tape
トップカバーテープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引き出し部最小
100mm()
空部
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806
。
電子部品テーピングに準拠しています
管理番号
No.
(単位 Unit: mm)
リール部
Reel
f 13
±0.2
f 21
±0.8
ラベル
Label
11.4±1
9±0.3
180+0
-3
-0
Φ
1.5+0.1
テーピング部
Tape
4±0.1
4±0.1
2±0.05
1.6±0.1
0.2±0.05
0.65±0.1
-0
Φ
1+0.1
Cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com