Electronic Components Datasheet Search
  English  ▼

X  

IRPLLNR2 Datasheet(PDF) 6 Page - International Rectifier

Part # IRPLLNR2
Description  High Power Factor/Low THD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLNR2 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRPLLNR2 Datasheet HTML 2Page - International Rectifier IRPLLNR2 Datasheet HTML 3Page - International Rectifier IRPLLNR2 Datasheet HTML 4Page - International Rectifier IRPLLNR2 Datasheet HTML 5Page - International Rectifier IRPLLNR2 Datasheet HTML 6Page - International Rectifier IRPLLNR2 Datasheet HTML 7Page - International Rectifier IRPLLNR2 Datasheet HTML 8Page - International Rectifier IRPLLNR2 Datasheet HTML 9Page - International Rectifier IRPLLNR2 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.irf.com
Power Factor Correction
The power factor correction section consists of the Motorola Semiconductor MC34262 Power Factor
Controller IC (IC1), MOSFET M1, inductor L2, diode D2, capacitor C8 and additional biasing, sens-
ing and compensation components (see schematic diagram). The IC was chosen for its minimal
component count, low start-up supply current and robust error amplifier. This is a boost topology
designed to step-up and regulate the output DC bus voltage while drawing sinusoidal current from
the line (low THD) which is “in phase” with the AC input line voltage (HPF). The design of the power
factor correction section was taken from the Motorola Semiconductor MC34262 data sheet and
information on the operation and design considerations for the MC34262 are contained therein.
Ballast Control
The ballast control section is built around the IR21571 Ballast Control IC, IC2 of the Demo board.
The IR21571 contains an oscillator, a high voltage half-bridge gate driver and lamp fault protection
circuitry. A block diagram of the IR21571 IC is shown in figure 1 and a state diagram of the IR21571
is shown in figure 2. Following is a breakdown of the operation of the ballast in all of the different
modes of operation.
OVER-
TEMP
DETECT
LEVEL
SHIFT
PULSE
FILTER &
LATCH
2
4.0V
5.1V
3
5
7.6V
3.0V
5.1V
1
1.0uA
4
2.0V
I
RT
6
I
CT = IRT
7
4.0V
2.0V
CPH
RPH
RT
RUN
CT
DT
VDC
Q
S
R2 Q
R1
Q
T
RQ
16
14
15
VS
HO
VB
13
11
12
COM
LO
VCC
15.6V
9
SD
10
0.2V
CS
Q
S
RQ
QD
R
Q
CLK
QS
R
Q
UNDER-
VOLTAGE
DETECT
2.0V
8
OC
50uA
7.6V
7.6V
7.6V
Figure 1: IR21571 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com