Electronic Components Datasheet Search
  English  ▼

X  

CW-1/2 Datasheet(PDF) 15 Page - International Rectifier

Part # CW-1/2
Description  IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 15 Page - International Rectifier

Back Button CW-1/2 Datasheet HTML 11Page - International Rectifier CW-1/2 Datasheet HTML 12Page - International Rectifier CW-1/2 Datasheet HTML 13Page - International Rectifier CW-1/2 Datasheet HTML 14Page - International Rectifier CW-1/2 Datasheet HTML 15Page - International Rectifier CW-1/2 Datasheet HTML 16Page - International Rectifier CW-1/2 Datasheet HTML 17Page - International Rectifier CW-1/2 Datasheet HTML 18Page - International Rectifier CW-1/2 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
RD-0613
www.irf.com
Fig. 10: CPH Pin Voltage (Black) and Lamp Voltage (Blue) During Lamp
Non-Strike Fault Condition
During Ignition Mode, the voltage on the CPH pin of the IRS2168D continues to ramp up until the
voltage at the CPH pin exceeds 0.67(VCC) a second time and the IC enters Run Mode. The over-current
fault counter is disabled during Ignition Mode due to the ignition regulation feature and enabled again
at the start of Run Mode. During a lamp non-strike condition, the ignition voltage will be regulated for
the duration of Ignition Mode and then unregulated during Run Mode. This means that the ignition
voltage will increase slightly after Ignition Mode (as the frequency decreases towards the run
frequency) until the fault counter times out, after 65 cycles above the over-current threshold, and the
ballast shuts off. The amount of frequency shift and resulting voltage increase is determined by the
value of CVCO. The 5 V shutdown threshold at the SD pin is also disabled during Ignition Mode and
enabled again at the start of Run Mode. A full explanation of the functionality of the over-current
sensing and shutdown functions are in the Fault Mode section.
Run Mode
During Run Mode and after a successful lamp ignition, the frequency is at the final run frequency and
is determined by RFMIN. The 1 V and 3 V end-of-life (EOL) window comparator at the SD/EOL pin,
the 5 V unlatched shutdown threshold at the SD/EOL pin, and the fault counter at the CS pin, are all
enabled in Run Mode. A functional description of the over-current sensing and end-of-life sensing is
given in the Fault Mode section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com