Electronic Components Datasheet Search
  English  ▼

X  

10BF60 Datasheet(PDF) 2 Page - International Rectifier

Part # 10BF60
Description  High Power Factor/Low THD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10BF60 Datasheet(HTML) 2 Page - International Rectifier

  10BF60 Datasheet HTML 1Page - International Rectifier 10BF60 Datasheet HTML 2Page - International Rectifier 10BF60 Datasheet HTML 3Page - International Rectifier 10BF60 Datasheet HTML 4Page - International Rectifier 10BF60 Datasheet HTML 5Page - International Rectifier 10BF60 Datasheet HTML 6Page - International Rectifier 10BF60 Datasheet HTML 7Page - International Rectifier 10BF60 Datasheet HTML 8Page - International Rectifier 10BF60 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.irf.com
Parameter
Units
Value (IRPLLNR2)
Value (IRPLLNR2U)
Lamp Type
36W T8
32W T8
Input Power
[W]
36
32
Input Current
[Arms]
0.300
0.300
Preheat Mode Frequency
[kHz]
44
44
Preheat Mode Lamp Voltage
[Vrms]
220
220
Preheat Time
[s]
0.9
0.6
Ignition Ramp Mode Frequency
[kHz]
38
38
Run Mode Frequency
[kHz]
42
42
Lamp Run Current
[Arms]
0.34
0.34
Input AC Voltage Range
[VACrms]
185..255/50..60Hz
90..140/50..60Hz
Input DC Voltage Range
[VDC]
250..350
100..180
Power Factor
0.98
0.99
Total Harmonic Distortion
[%]
<15
<10
Maximum Output Voltage
[Vpk]
600
600
Electrical Characteristics
Note: Measurements performed with input AC line voltage = 120Vrms (IRPLDIM1U)
230Vrms (IRPLDIM1)
Fault
Ballast
Restart Operation
Line voltage low
Deactivates
Increase line voltage
Upper filament broken
Deactivates
Lamp exchange
Lower filament broken
Deactivates
Lamp exchange
Failure to ignite
Deactivates
Lamp exchange
Open circuit (no lamp)
Deactivates
Lamp exchange
Fault Protection Characteristics
Functional Description
Overview
he IRPLDIM1 Demo Board consists of an EMI filter, an active power factor correction front end, a
ballast control section and a resonant lamp output stage. The active power factor correction section
is a boost converter operating in critical mode conduction, free-running frequency mode. The ballast
control section provides frequency modulation control of a traditional RCL lamp resonant output
circuit and is easily adaptable to a wide variety of lamp types. The ballast control section also pro-
vides the necessary circuitry to perform closed-loop dimming, lamp fault detection, shutdown and
auto-restart. All functional descriptions refer to the IRPLDIM1 schematic diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com